Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLLVDSTTL Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLLVDSTTL
Description  PC/104 Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLLVDSTTL Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLLVDSTTL Datasheet HTML 1Page - ADL Embedded Solutions ADLLVDSTTL Datasheet HTML 2Page - ADL Embedded Solutions ADLLVDSTTL Datasheet HTML 3Page - ADL Embedded Solutions ADLLVDSTTL Datasheet HTML 4Page - ADL Embedded Solutions ADLLVDSTTL Datasheet HTML 5Page - ADL Embedded Solutions ADLLVDSTTL Datasheet HTML 6Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC/104 Accessories
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLLVDSTTL - LVDS to TTL Flat Panel Interface Adapter
Item Code
Part #
Description
ADLLVDSTTL
299915
LVDS to 18/24 Bit TTL
ADLLVDSC
100-9710
LVDS INTF Cable
2.5”/CFII-CP
201-2500
2.5" HD/SD and CF-II-S PC/104 mounting
plate
Accessories
The ADLLVDSTTL converts 4-channel LVDS into 18/24 – bit TTL
for use with TTL compatible flat panel displays. Its compact size
will allow it to be mounted in almost any location with an enclo-
sure. The mounting holes match the same mounting as the ADL-
CFII-xx series so it may also be PC/104 stack mounted when
used with the ADL Embedded Solutions multi-function mounting
adapter. The ADLLVDSTTL also provides input for +12V and
+5V for various flat panel configurations. When used with an ADL
Embedded Solutions PC/104 series board, connection of the
ADLLVDSTTL is as easy as plugging in the pin-for-pin interface
cable.
Description
Ordering Information
Features
•
4Ch, LVDS conversion to 18/24-Bit TTL
•
Compatible with most 18/24 Bit Flat panels
•
I2C for storing panel information
•
Power connection with +5VDC and +12VDC
•
PC/104 Stack mountable with mounting plate
•
Compatible only with ADL Embedded Solutions
SBC’s


Similar Part No. - ADLLVDSTTL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
ADLLX8PC ADL-ADLLX8PC Datasheet
550Kb / 2P
LX800 16-Bit ISA PC/104-Plus
ADLLX8PC-F0 ADL-ADLLX8PC-F0 Datasheet
550Kb / 2P
LX800 16-Bit ISA PC/104-Plus
ADLLX8PC-F0 ADL-ADLLX8PC-F0 Datasheet
278Kb / 3P
PC/104-Plus
ADLLX8PC-F2 ADL-ADLLX8PC-F2 Datasheet
550Kb / 2P
LX800 16-Bit ISA PC/104-Plus
More results

Similar Description - ADLLVDSTTL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
AAEON Technology
PCM-3521 AAEON-PCM-3521 Datasheet
475Kb / 1P
PC/104 VGA Module
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
Advantech Co., Ltd.
PC104 ADVANTECH-PC104 Datasheet
558Kb / 2P
PC/104 Datacom Modules
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
PC/104 - Peripherals
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
PC/104 Peripherals
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
ADLPS104CF ADL-ADLPS104CF_15 Datasheet
447Kb / 1P
PC/104 Peripherals
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117_V01 Datasheet
558Kb / 2P
PC/104 Datacom Modules
15-Jan-2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com