Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLLVDSC Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ADLLVDSC
Description  PC/104 Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLLVDSC Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ADLLVDSC Datasheet HTML 1Page - ADL Embedded Solutions ADLLVDSC Datasheet HTML 2Page - ADL Embedded Solutions ADLLVDSC Datasheet HTML 3Page - ADL Embedded Solutions ADLLVDSC Datasheet HTML 4Page - ADL Embedded Solutions ADLLVDSC Datasheet HTML 5Page - ADL Embedded Solutions ADLLVDSC Datasheet HTML 6Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PC/104 Accessories
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications
P100 - LVDS Data
Mating Connector - Hirose DF13-15S
Pin
Description
Description
Pin
1
GND
TXO0C-
9
2
GND
TXO0C+
10
3
TXO00-
TXO03-
11
4
TXO00+
TXO03+
12
5
TXO01-
FP_BL
13
6
TXO01+
FP_3.3V
14
7
TXO02-
FP_3.3V
15
8
TXO02+
P101 - Panel I2C
Mating Connector - Hirose DF13-15S
Pin
Description
Description
Pin
1
GND
nc
9
2
GND
nc
10
3
nc
nc
11
4
nc
nc
12
5
nc
PNL_I2CCLK
13
6
nc
PNL_I2CCLK
14
7
nc
VCC
15
8
nc
P102 - Panel Detect 3.3
Mating Connector - Molex SL 5Pos, 0.100" -
pn: 50-57-9005
Pin
Description
1
VCC
2
3.3V
3
PNL_I2CCLK
4
PNL_I2CDAT
5
GND
P103 - PC Power
Mating Connector - W+P Products 4Pos, Fric-
tion-Lock Crimp 2.54pitch - pn: 528-04-03-50
Pin
Description
1
VCC
2
GND
3
GND
4
12V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com