Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLS15PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLS15PC
Description  Traffic technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLS15PC Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC Datasheet HTML 2Page - ADL Embedded Solutions ADLS15PC Datasheet HTML 3Page - ADL Embedded Solutions ADLS15PC Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADLS15PC PC/104-Plus
Intel® Atom™ CPU 1.1GHz - 1.60GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLS15PC
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU
512KB
L2-Cache
Atom D525 / 1.8GHz / 1MB
Front Side Bus
400/533 MHz
CPU dependent
CPU-Clock
1.1GHz — 1.60GHz
Memory 200pin DDR2 SODIMM
512MB – 2GB
256MB on request
Video Controller
Intel® US15W SCH integrated
Intel® GMA 500
Video Memory
Max 8MB UMA / Max 256MB DVMT
Video Interfaces
VGA-Analog CRT, LVDS
Dual Independent display
Video Channel 1
1600 x 1200@60Hz
Video Channel 2
1600 x 1200@60Hz
Real Time Clock
Yes
External Battery Required for RTC
LAN-Controller
Intel® 82574L
10/100/1000Mb
AC97-Controller
Intel® US15W SCH
ALC885 Codec - Intel® HDA
SMBus-Controller
Intel® US15W SCH
USB2-Controller
8x USB 2.0 compliant
6 of 8 ports also USB 1.1 Compliant.
1 port may be configured as a “device”
Flash BIOS
1MB FW Hub
BIOS
Award
Power Management Control
ACPI 3.0 / APM 1.2
Suspend To Disc supported
EIDE-Controller
PIO 0-4, UDMA 100*/66*/33, Multi-word DMA
(ATA-5)
Primary Master/Slave
*requires 80 conductor cable
Onboard Flash SSD
Up to 8GB
2GB / 4GB / 8GB
HW-Monitor
Winbond W83627HF
Audio Output
Line Out, SPDIF Out
5.1 Support
Audio Input
Line In, SPDIF In, MIC
Keyboard
PS/2-USB
Mouse
PS/2-USB
COM1
RS232
Optional RS–422/485
COM2
RS232
Optional RS–422/485
LPT1
Uni/EPP/BI
Floppy Disk
No floppy disk support
ISA-Bus
Fintek F85226F
LPC-ISA-Bridge, full 16-bit, No DMA
PCI-Bus
V3.0
Support For 4 Masters
Power Supply
+5V ±5%
ADL PS104CF possible
Power consumption
Z510 / 2GB / Active: 1.54A @ +5VDC, typical*
Z510 / 2GB / Passive: 1.56A @ +5VDC, typical*
Z530 / 2GB / Active: 1.78A @ +5VDC, typical*
Z530 / 2GB / Passive: 1.80A @ +5VDC, typical*
[processor] / [memory] / [cooling type]
*Typical numbers are based on a
standard configuration are for reference
only. Actual vaules may vary
*Data subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com