Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS2 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS2
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS2 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS2 Datasheet HTML 1Page - BeRex Corporation BGS2 Datasheet HTML 2Page - BeRex Corporation BGS2 Datasheet HTML 3Page - BeRex Corporation BGS2 Datasheet HTML 4Page - BeRex Corporation BGS2 Datasheet HTML 5Page - BeRex Corporation BGS2 Datasheet HTML 6Page - BeRex Corporation BGS2 Datasheet HTML 7Page - BeRex Corporation BGS2 Datasheet HTML 8Page - BeRex Corporation BGS2 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2
1
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• Single Fixed 3V supply
• No Dropping Resistor Required
• No matching circuit needed
• Lead-free/Green/RoHS compliant SOT-363 package
• Application: Driver Amplifier, Cellular, PCS, GSM,
UMTS, WCDMA, Wireless Data
BeRex’s BGS2 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3V supply. The
BGS2 is designed for high linearity 3V gain
block applications . It is packaged in a RoHS-
compliant with SOT-363 surface mount
package.
Product Description
Device Features
• Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1000 pF ± 5%; C5 = 10uF; **L1 = 56nH
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 0 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
70
4000
MHz
IC @ (Vc = 3V)
30
34
38
mA
VC
3.0
V
dG/dT
-0.005
dB/°C
RTH
130
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +105
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+150
Operating Voltage
V
+3.8
Supply Current
mA
100
Input RF Power
dBm
15
Operation of this device above any of these parameters may result in permanent damage.
**less than 56nH improves RF performance at over 0.9GHz.
*1uH or higher value L1 improves RF performance at under 900MHz.
*Optimum value of L1 may vary with board design.
BGS2
L1
C1
C3
C4
RFin
RFout
C5
+3V
C2
*C1,C2=2000pF, L1=1uH for 70MHz application,
BG
S2
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Parameter
Frequency
Unit
70
900
1900 2450 2650 3500 MHz
Gain
26.5
23.6
19.8
18.1
17.2
15
dB
S11
-19.6 -18.3 -18.6 -18.4 -17.6 -13.7
dB
S22
-15.6 -12.8
-9.9
-10.5 -13.2 -15.7
dB
OIP3
2
28
25.5
24.5
22.5
25
19.2
dBm
P1dB
15.6
13.4
12.8
10.8
10.4
8.7
dBm
N.F
2.7
2.3
2.2
2.3
2.5
2.7
dB
Application Circuit Values Example
Freq.
70~900MHz
900MHz ~ 3GHz
3GHz ~ 4GHz
C1/C2
2nF
100pF
100pF
L1
1uH
56nH
27nH
(1608 Chip Ind.)
*C1,C2=100pF, L1=27nH for 3.5GHz application.


Similar Part No. - BGS2

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
640Kb / 10P
50-4000 MHz SILICON GERMANIUM Gain Block
Rev. 12.3
logo
Infineon Technologies A...
BGS22W2L10 INFINEON-BGS22W2L10 Datasheet
1Mb / 14P
DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.4 - October 12, 2012
BGS22WL10 INFINEON-BGS22WL10 Datasheet
1Mb / 14P
DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.6 - May 27, 2014
More results

Similar Description - BGS2

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1 Datasheet
795Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_18 Datasheet
638Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_18 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com