Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS5 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS5
Description  40-4000 MHz SILICON GERMANIUM Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS5 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS5 Datasheet HTML 1Page - BeRex Corporation BGS5 Datasheet HTML 2Page - BeRex Corporation BGS5 Datasheet HTML 3Page - BeRex Corporation BGS5 Datasheet HTML 4Page - BeRex Corporation BGS5 Datasheet HTML 5Page - BeRex Corporation BGS5 Datasheet HTML 6Page - BeRex Corporation BGS5 Datasheet HTML 7Page - BeRex Corporation BGS5 Datasheet HTML 8Page - BeRex Corporation BGS5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5
1
Rev. G
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• Single Fixed 3V supply
• No Dropping Resistor Required
• No matching circuit needed
• Lead-free/Green/RoHS compliant SOT-363 package
• Application: Driver Amplifier, Cellular, PCS, GSM,
UMTS, WCDMA, Wireless Data
BeRex’s BGS5 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3V supply. The
BGS5 is designed for high linearity 3V gain
block applications . It is packaged in a RoHS-
compliant with SOT-363 surface mount
package.
Product Description
Device Features
• Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1000 pF ± 5%; C5 = 10uF; **L1 = 56nH
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 0 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
40
4000
MHz
IC @ (Vc = 3V)
46
52
58
mA
VC
3.0
V
dG/dT
-0.001
dB/°C
RTH
130
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +105
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
150
Operating Voltage
V
+3.5
Supply Current
mA
110
Input RF Power
dBm
15
Operation of this device above any of these parameters may result in permanent damage.
**less than 56nH improves RF performance at over 0.5GHz.
*820nH or higher value L1 improves RF performance at under 500MHz.
*Optimum value of L1 may vary with board design.
BGS5
L1
C1
C3
C4
RFin
RFout
C5
+3V
C2
*C1,C2=2000pF, L1=820nH for 50MHz application.
BG
S5
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Application Circuit Values Example
Freq.
70~900MHz
900MHz ~ 3GHz
3GHz ~ 4GHz
C1/C2
2nF
100pF
10pF
L1
(1608 Chip Ind.)
1uH
56nH
12nH
Parameter
Frequency
Unit
70
900
1900
2140
2650
3500
MHz
Gain
17.3
16.5
15
14.6
13.8
13.3
dB
S11
-16
-17
-17
-19
-40
-16.3
dB
S22
-14
-15
-13
-14
-17
-16.9
dB
OIP3
2
32.5
31.5
28.5
28
27
24.6
dBm
P1dB
15.5
16.2
15.4
15
14.5
13.7
dBm
N.F
2.2
2.5
2.7
2.8
3
2.7
dB
*C1,C2=10pF, L1=12nH for 3.5GHz application.


Similar Part No. - BGS5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5 Datasheet
948Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
More results

Similar Description - BGS5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
30-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3_18 Datasheet
636Kb / 10P
30-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com