Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQ7P.CC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCWCQ7P.CC
Description  SMD ceramic package with silicon resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQ7P.CC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCWCQ7P.CC Datasheet HTML 9Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 10Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 11Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 12Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 13Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 14Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 15Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 16Page - OSRAM GmbH LCWCQ7P.CC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Released
LCW CQ7P.CC
2011-03-23
13
Relative Vorwärtsspannung
2) Seite 22
Relative Forward Voltage
2) page 22
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA
Farbortverschiebung
2) Seite 22
Chromaticity Coordinate Shift
2) page 22
x, y =
f (T
j); IF = 350 mA
Relativer Lichtstrom
2) Seite 22
Relative Luminous Flux
2) page 22
Φ
V/ΦV(25 °C) = f (T
j); IF = 350 mA
-40
-0.3
˚C
T
j
OHL04428
V
F
V
Δ
-20
0
20 40 60 80
120
-0.2
-0.1
0
0.1
0.2
0.3
OHL04570
-40
˚C
j
T
-20
0
20 40 60 80
120
0.40
Cy
Cx
0.41
0.42
0.43
0.44
0.45
0.46
Cx, Cy
OHL04576
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com