Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQAR.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCWCQAR.PC
Description  SMD ceramic package with silicon resin with lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQAR.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWCQAR.PC Datasheet HTML 1Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 2Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 3Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 4Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 5Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 6Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 7Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 8Page - OSRAM GmbH LCWCQAR.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LCW CQAR.PC
OSLON Square
Data Sheet
Target Data Sheet
2011-06-15
1
Data Sheet
Kompakte Lichtquelle für platzsparende
Designs (zwischen 200 mA und 1,5 A
konstantem Strom). 230 lm bei 700 mA
(4000 K)
Merkmale
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Farbe: warm weiß, 4000 K bis 5000 K,
(CRI min = 70)
• Abstrahlwinkel: 120°
• Chiptechnologie: ThinGaN
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 2
• ESD-Festigkeit: ESD-sicher bis 8 kV nach
JESD22-A114-D
Hauptanwendungen
• Industriebeleuchtung
• Lampen- und Leuchten-Retrofits
• Akzentbeleuchtung
• Straßenbeleuchtung
• Außenbeleuchtung
Small size high-flux LED for slim designs
(between 200 mA and 1.5 A constant current).
230 lm at 700 mA (4000 K)
Features
• package: SMD ceramic package with silicon
resin with lens
• color: warm white, 4000 K bis 5000 K,
(CRI min = 70)
• viewing angle: 120°
• chiptechnology: ThinGaN
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 2
• ESD-withstand voltage: up to 8 kV acc. to
JESD22-A114-D
Main Applications
• Industrial Lighting
• LED retrofits & fixtures
• Accent lights
• Street lighting
• outdoor lighting


Similar Part No. - LCWCQAR.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWCQAR.CC OSRAM-LCWCQAR.CC Datasheet
636Kb / 27P
SMT ceramic package with silicone resin and silicone lens
LCWCQAR.EC OSRAM-LCWCQAR.EC Datasheet
1Mb / 28P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LCWCQAR.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
SMD ceramic package with silicon resin with lens
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com