Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWH9GP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWH9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWH9GP Datasheet HTML 3Page - OSRAM GmbH LCWH9GP Datasheet HTML 4Page - OSRAM GmbH LCWH9GP Datasheet HTML 5Page - OSRAM GmbH LCWH9GP Datasheet HTML 6Page - OSRAM GmbH LCWH9GP Datasheet HTML 7Page - OSRAM GmbH LCWH9GP Datasheet HTML 8Page - OSRAM GmbH LCWH9GP Datasheet HTML 9Page - OSRAM GmbH LCWH9GP Datasheet HTML 10Page - OSRAM GmbH LCWH9GP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.4
LCW H9GP
2017-06-06
7
7J
0.3536
0.3646
5P
0.3975
0.3731
4U
0.4326
0.3801
0.3548
0.3736
0.4006
0.3815
0.4373
0.3893
0.3625
0.3711
0.4061
0.3773
0.4379
0.3814
0.3642
0.3805
0.4095
0.3858
0.4428
0.3906
8J
0.3548
0.3736
6P
0.4006
0.3815
5U
0.4373
0.3893
0.3560
0.3826
0.4036
0.3898
0.4420
0.3985
0.3642
0.3805
0.4095
0.3858
0.4428
0.3906
0.3659
0.3900
0.4130
0.3944
0.4477
0.3998
4K
0.3574
0.3427
7P
0.4036
0.3898
6U
0.4420
0.3985
0.3591
0.3522
0.4067
0.3982
0.4468
0.4077
0.3648
0.3479
0.4130
0.3944
0.4477
0.3998
0.3670
0.3578
0.4164
0.4029
0.4526
0.4090
5K
0.3591
0.3522
8P
0.4067
0.3982
7U
0.4468
0.4077
0.3608
0.3616
0.4097
0.4065
0.4515
0.4168
0.3670
0.3578
0.4164
0.4029
0.4526
0.4090
0.3692
0.3677
0.4198
0.4115
0.4576
0.4183
6K
0.3608
0.3616
9P
0.4097
0.4065
8U
0.4515
0.4168
0.3625
0.3711
0.4128
0.4148
0.4562
0.4260
0.3692
0.3677
0.4198
0.4115
0.4576
0.4183
0.3714
0.3775
0.4232
0.4201
0.4625
0.4275
7K
0.3625
0.3711
4Q
0.4027
0.3687
9U
0.4562
0.4260
0.3642
0.3805
0.4061
0.3773
0.4609
0.4352
0.3714
0.3775
0.4109
0.3726
0.4625
0.4275
0.3736
0.3874
0.4147
0.3814
0.4674
0.4367
8K
0.3642
0.3805
5Q
0.4061
0.3773
4V
0.4379
0.3814
0.3659
0.3900
0.4095
0.3858
0.4428
0.3906
0.3736
0.3874
0.4147
0.3814
0.4432
0.3826
0.3758
0.3973
0.4185
0.3902
0.4483
0.3919
4L
0.3648
0.3479
6Q
0.4095
0.3858
5V
0.4428
0.3906
0.3670
0.3578
0.4130
0.3944
0.4477
0.3998
0.3719
0.3522
0.4185
0.3902
0.4483
0.3919
0.3746
0.3624
0.4223
0.3990
0.4534
0.4011
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com