Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMTSG Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWMTSG
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMTSG Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWMTSG Datasheet HTML 2Page - OSRAM GmbH LCWMTSG Datasheet HTML 3Page - OSRAM GmbH LCWMTSG Datasheet HTML 4Page - OSRAM GmbH LCWMTSG Datasheet HTML 5Page - OSRAM GmbH LCWMTSG Datasheet HTML 6Page - OSRAM GmbH LCWMTSG Datasheet HTML 7Page - OSRAM GmbH LCWMTSG Datasheet HTML 8Page - OSRAM GmbH LCWMTSG Datasheet HTML 9Page - OSRAM GmbH LCWMTSG Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2015-05-05
6
Version 1.1
LCW MTSG
Color Chromaticity Groups 2) page 22
Farbortgruppen 2) Seite 22
Chromaticity Coordinate Groups 2) page 22
Farbortgruppen 2) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4L
0.3648
0.3479
4M
0.3719
0.3522
4N
0.3791
0.3564
0.3670
0.3578
0.3746
0.3624
0.3822
0.3670
0.3719
0.3522
0.3791
0.3564
0.3862
0.3607
0.3746
0.3624
0.3822
0.3670
0.3898
0.3716
5L
0.3670
0.3578
5M
0.3746
0.3624
5N
0.3822
0.3670
0.3692
0.3677
0.3773
0.3726
0.3853
0.3776
0.3746
0.3624
0.3822
0.3670
0.3898
0.3716
0.3773
0.3726
0.3853
0.3776
0.3934
0.3825
6L
0.3692
0.3677
6M
0.3773
0.3726
6N
0.3853
0.3776
0.3714
0.3775
0.3799
0.3828
0.3885
0.3882
0.3773
0.3726
0.3853
0.3776
0.3934
0.3825
0.3799
0.3828
0.3885
0.3882
0.3970
0.3935
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
0,29
0,31
0,33
0,35
0,37
0,39
0,41
0,43
Cx
Cy
450
460
470
480
490
500
510
520
530
540
550
560
570
580
590
600
610
620
630
650
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
Cx
Cy
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com