Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWW5AP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWW5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWW5AP Datasheet HTML 2Page - OSRAM GmbH LCWW5AP Datasheet HTML 3Page - OSRAM GmbH LCWW5AP Datasheet HTML 4Page - OSRAM GmbH LCWW5AP Datasheet HTML 5Page - OSRAM GmbH LCWW5AP Datasheet HTML 6Page - OSRAM GmbH LCWW5AP Datasheet HTML 7Page - OSRAM GmbH LCWW5AP Datasheet HTML 8Page - OSRAM GmbH LCWW5AP Datasheet HTML 9Page - OSRAM GmbH LCWW5AP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2010-02-15
6
LCW W5AP
Farbtemperatur 2700 K
Color temperature 2700K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4U
0.433
0.380
6V
0.448
0.400
8W
0.464
0.420
0.437
0.389
0.453
0.409
0.469
0.429
0.443
0.391
0.459
0.410
0.475
0.430
0.438
0.381
0.453
0.401
0.470
0.421
5U
0.437
0.389
7V
0.453
0.409
9W
0.469
0.429
0.442
0.398
0.458
0.418
0.474
0.438
0.448
0.400
0.464
0.420
0.480
0.440
0.443
0.391
0.459
0.410
0.475
0.430
6U
0.442
0.398
8V
0.458
0.418
4X
0.448
0.384
0.447
0.408
0.462
0.427
0.454
0.393
0.453
0.409
0.469
0.429
0.459
0.394
0.448
0.400
0.464
0.420
0.454
0.385
7U
0.447
0.408
9V
0.462
0.427
5X
0.454
0.393
0.451
0.417
0.467
0.437
0.459
0.402
0.458
0.418
0.474
0.438
0.465
0.404
0.453
0.409
0.469
0.429
0.459
0.394
8U
0.451
0.417
4W
0.443
0.383
6X
0.459
0.402
0.456
0.426
0.448
0.392
0.464
0.412
0.462
0.427
0.454
0.393
0.470
0.413
0.458
0.418
0.448
0.384
0.465
0.404
9U
0.456
0.426
5W
0.448
0.392
7X
0.464
0.412
0.461
0.435
0.453
0.401
0.470
0.421
0.467
0.437
0.459
0.402
0.476
0.423
0.462
0.427
0.454
0.393
0.470
0.413
4V
0.438
0.381
6W
0.453
0.401
8X
0.470
0.421
0.443
0.391
0.459
0.410
0.475
0.430
0.448
0.392
0.464
0.412
0.481
0.432
0.443
0.383
0.459
0.402
0.476
0.423
5V
0.443
0.391
7W
0.459
0.410
9X
0.475
0.430
0.448
0.400
0.464
0.420
0.480
0.440
0.453
0.401
0.470
0.421
0.487
0.441
0.448
0.392
0.464
0.412
0.481
0.432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com