Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOGT671 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LOGT671
Description  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOGT671 Datasheet(HTML) 2 Page - OSRAM GmbH

  LOGT671 Datasheet HTML 1Page - OSRAM GmbH LOGT671 Datasheet HTML 2Page - OSRAM GmbH LOGT671 Datasheet HTML 3Page - OSRAM GmbH LOGT671 Datasheet HTML 4Page - OSRAM GmbH LOGT671 Datasheet HTML 5Page - OSRAM GmbH LOGT671 Datasheet HTML 6Page - OSRAM GmbH LOGT671 Datasheet HTML 7Page - OSRAM GmbH LOGT671 Datasheet HTML 8Page - OSRAM GmbH LOGT671 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2005-04-05
2
LOG T671, LSG T671
Bestellinformation
Ordering Information
Typ
Type
Emissionsfarbe
Color of Emission
Lichtstärke
1) Seite 15
Luminous Intensity
1) page 15
I
F = 10 mA
I
V (mcd)
color 1
color 2
LOG T671
orange / green
2.8 ... 18.0
7.1 ... 18.0
LSG T671
super-red / green
4.5 ... 18.0
7.1 ... 28.0
Bestellinformation
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
LOG T671-HL-1+KL-1
LSG T671-JL-1+KM-1
Q62703Q4320
Q62703Q4321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com