Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBG6SF Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LRTBG6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBG6SF Datasheet(HTML) 4 Page - OSRAM GmbH

  LRTBG6SF Datasheet HTML 1Page - OSRAM GmbH LRTBG6SF Datasheet HTML 2Page - OSRAM GmbH LRTBG6SF Datasheet HTML 3Page - OSRAM GmbH LRTBG6SF Datasheet HTML 4Page - OSRAM GmbH LRTBG6SF Datasheet HTML 5Page - OSRAM GmbH LRTBG6SF Datasheet HTML 6Page - OSRAM GmbH LRTBG6SF Datasheet HTML 7Page - OSRAM GmbH LRTBG6SF Datasheet HTML 8Page - OSRAM GmbH LRTBG6SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2010-12-02
4
LRTB G6SF
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
634
529
460
nm
Dominantwellenlänge4) Seite 23
Dominant wavelength
4) page 23
(typ.)
I
F = 20 mA
λ
dom
625
534
465
nm
nm
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 20 mA
∆λ
20
33
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
ϕ
120
Grad
deg.
Durchlassspannung5) Seite 23
(min.)
Forward voltage
5) page 23
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.9
2.05
2.5
2.9
3.2
3.7
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V (blue / true green); 12 V (red)
I
R
I
R
0.02
10
0.01
10
µA
µA
Optischer Wirkungsgrad am Farbort 0,31/0,31 (typ.)
Optical efficiency on color coordinate 0.31/0.31
η
opt
160
70
44
lm/W
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung3) Seite 23
1 chip on (max.)
Junction/ambient3) page 23
3 chips on (max.)
Sperrschicht/Lötpad
(max.)
Junction/solder point
R
th JA
R
th JA
R
th JS
440**
700**
280**
340**
600**
180**
K/W
K/W
K/W
*
Einzelgruppen siehe Seite 7
Individual groups on page 7
**
R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com