Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2269GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2269GD
Description  3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2269GD Datasheet HTML 11Page - Monolithic Power Systems MP2269GD Datasheet HTML 12Page - Monolithic Power Systems MP2269GD Datasheet HTML 13Page - Monolithic Power Systems MP2269GD Datasheet HTML 14Page - Monolithic Power Systems MP2269GD Datasheet HTML 15Page - Monolithic Power Systems MP2269GD Datasheet HTML 16Page - Monolithic Power Systems MP2269GD Datasheet HTML 17Page - Monolithic Power Systems MP2269GD Datasheet HTML 18Page - Monolithic Power Systems MP2269GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP2269 - 30V, 1A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2269 Rev. 1.0
www.MonolithicPower.com
15
10/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The
input
voltage
ripple
caused
by
the
capacitance can be estimated with Equation (8):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(8)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (9):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(9)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (10):
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

(10)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (11):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(11)
The characteristics of the output capacitor
affect the stability of the regulation system. The
MP2269 can be optimized for a wide range of
capacitance and ESR values.
PCB Layout Guidelines (8)
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 6 and
follow the guidelines below.
1. Keep the connection of the input ground
and GND as short and wide as possible.
2. Keep the connection of the input capacitor
and VIN as short and wide as possible.
3. Ensure all feedback connections are short
and direct.
4. Place
the
feedback
resistors
and
compensation components as close to the
chip as possible.
5. Route SW away from sensitive analog
areas such as FB.
NOTES:
8) The recommended layout is based on the Typical Application
circuit on page 17 and page 18.
GND
GND
VOUT
VIN
Top Layer
GND
Bottom Layer
Figure 6: Sample PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com