Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2312 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2312
Description  24V, 2.1A High Efficiency Synchronous Step-down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2312 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2312 Datasheet HTML 9Page - Monolithic Power Systems MP2312 Datasheet HTML 10Page - Monolithic Power Systems MP2312 Datasheet HTML 11Page - Monolithic Power Systems MP2312 Datasheet HTML 12Page - Monolithic Power Systems MP2312 Datasheet HTML 13Page - Monolithic Power Systems MP2312 Datasheet HTML 14Page - Monolithic Power Systems MP2312 Datasheet HTML 15Page - Monolithic Power Systems MP2312 Datasheet HTML 16Page - Monolithic Power Systems MP2312 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2312, 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP2312 Rev. 1.01
www.MonolithicPower.com
13
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
There is an internal Zener diode on the EN pin,
which clamps the EN pin voltage to prevent it
from running away. The maximum pull up current
assuming a worst case 12V internal Zener clamp
should be less than 1mA.
Therefore, when EN is driven by an external logic
signal, the EN voltage should be lower than 12V;
when EN is connected with VIN through a pull-up
resistor or a resistive voltage divider, the
resistance selection should ensure the maximum
pull up current less than 1mA.
If using a resistive voltage divider and VIN higher
than 12V, the allowed minimum pull-up resistor
Rup should meet the following equation:
IN
up
down
V -12V 12V
-=1mA
RR
(10)
Especially, just using the pull-up resistor Rup(the
pull-down resistor
is not
connected), the
IN-START
V
is determined by input UVLO, and the
minimum resistor value is:
IN
up
V-12V
R=
(W)
1mA
(11)
A typical pull-up resistor is 499kΩ.
Soft Start
The MP2312 employs soft start (SS) mechanism
to ensure smooth output during power-up. When
the EN pin becomes high, the internal reference
voltage ramps up gradually; hence, the output
voltage ramps up smoothly, as well. Once the
reference voltage reaches the target value, the
soft start finishes and it enters into steady state
operation.
If the output is pre-biased to a certain voltage
during startup, the IC will disable the switching of
both high-side and low-side switches until the
voltage on the internal reference exceeds the
sensed output voltage at the FB node.
Power Good (PGOOD)
The MP2312 has power-good (PGOOD) output
used to indicate whether the output voltage of the
Buck regulator is ready or not. The PGOOD pin
is the open drain of a MOSFET. It should be
connected to VCC or other voltage source through
a resistor (e.g. 100k). After the input voltage and
enable voltage are applied, the MOSFET is
turned on so that the PGOOD pin is pulled to
GND before SS is ready.
After FB voltage reaches 95% of REF voltage,
the PGOOD pin is pulled high after a delay. The
PGOOD delay time is 0.5ms.
When the FB voltage drops to 85% of REF
voltage, the PGOOD pin will be pulled low.
Hiccup Over Current Protection
MP2312 has cycle-by-cycle over current limiting
control. The current-limit circuit employs a
"valley" current-sensing algorithm. The part uses
the Rds(on) of the low side MOSFET as a
current-sensing element. If the magnitude of the
current-sense signal is above the current-limit
threshold, the PWM is not allowed to initiate a
new cycle.
The trip level is fixed internally. The inductor
current is monitored by the voltage between GND
pin and SW pin. GND is used as the positive
current sensing node so that GND should be
connected to the source terminal of the bottom
MOSFET.
Since the comparison is done during the high
side MOSFET OFF and low side MOSFET ON
state, the OC trip level sets the valley level of the
inductor current. Thus, the load current at over-
current threshold, IOC, can be calculated as
follows:
Δ
=+ inductor
OC
I
I
I _ limit
2
(12)
In an over-current condition, the current to the
load exceeds the current to the output capacitor;
thus the output voltage tends to fall off. The
output voltage drops until VFB is below the Under-
Voltage (UV) threshold—typically 60% below the
reference. Once UV is triggered, the MP2312
enters hiccup mode to periodically restart the part.
This protection mode is especially useful when
the output is dead-shorted to ground, and greatly
reduces the average short circuit current to
alleviate thermal issues and protect the regulator.
The MP2312 exits the hiccup mode once the
over-current condition is removed.
Over Protection (OVP)
MP2312 monitors a resistor divided feedback
voltage to detect over voltage. When the
feedback voltage becomes higher than 115% of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com