Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2316GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2316GD
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2316GD Datasheet HTML 12Page - Monolithic Power Systems MP2316GD Datasheet HTML 13Page - Monolithic Power Systems MP2316GD Datasheet HTML 14Page - Monolithic Power Systems MP2316GD Datasheet HTML 15Page - Monolithic Power Systems MP2316GD Datasheet HTML 16Page - Monolithic Power Systems MP2316GD Datasheet HTML 17Page - Monolithic Power Systems MP2316GD Datasheet HTML 18Page - Monolithic Power Systems MP2316GD Datasheet HTML 19Page - Monolithic Power Systems MP2316GD Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
16
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Enable Control
EN is a digital control pin that turns the regulator
on and off. Drive EN high to turn on the regulator;
drive it low to turn it off. An internal 1MΩ resistor
from EN to GND allows EN to be floated to shut
down the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode. Connecting the EN input pin
through a pullup resistor to the voltage on the VIN
pin. The pull up resistance needs to be large
enough to limit the EN pin current less than
100µA. For example, with 12V connected to Vin,
RPULLUP ≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting the EN pin directly to a voltage
source without any pullup resistor requires limit
the amplitude of the voltage less than 6V to
prevent damage to the Zener diode.
UVLO protection
MP2316 has under-voltage lock-out protection
(UVLO). When the input voltage is higher than
the UVLO rising threshold voltage, the MP2316
powers up. It shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is non-latch protection.
Thermal Shutdown
The MP2316 employs thermal shutdown by
internally monitoring the junction temperature of
the IC. If the junction temperature exceeds the
threshold value (typically 150ºC), the converter
shuts off. This is non-latch protection. There is
about 20ºC hysteresis. Once the junction
temperature drops below 130ºC, it initiates start
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com