Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIRFS3607 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIRFS3607
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRFS3607 Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIRFS3607 Datasheet HTML 1Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 2Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 3Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 4Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 5Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 6Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 7Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 8Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
AUIRFS/SL3607
4
2016-2-12
 
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 11. Typical COSS Stored Energy
Fig 12. Maximum Avalanche Energy vs. Drain Current
Fg 9. Maximum Drain Current vs. Case Temperature
0.0
0.5
1.0
1.5
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
Fig. 7 Typical Source-to-Drain Diode
Forward Voltage
-60 -40 -20 0 20 40 60 80 100 120140160180
TJ , Temperature ( °C )
70
75
80
85
90
95
100
Id = 5mA
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
450
500
ID
TOP
5.6A
11A
BOTTOM 46A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com