Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2454 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2454 Datasheet HTML 9Page - Monolithic Power Systems MP2454 Datasheet HTML 10Page - Monolithic Power Systems MP2454 Datasheet HTML 11Page - Monolithic Power Systems MP2454 Datasheet HTML 12Page - Monolithic Power Systems MP2454 Datasheet HTML 13Page - Monolithic Power Systems MP2454 Datasheet HTML 14Page - Monolithic Power Systems MP2454 Datasheet HTML 15Page - Monolithic Power Systems MP2454 Datasheet HTML 16Page - Monolithic Power Systems MP2454 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2454―36V, 0.6A, STEP-DOWN CONVERTER
MP2454 Rev. 1.01
www.MonolithicPower.com
13
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
chip shuts down. When the temperature falls
below the lower threshold (145oC), the chip is
enabled again.
Current Comparator and Current Limit
A current sense MOSFET senses accurately the
power MOSFET current. The sensed current
goes to the high-speed current comparator for
current-mode control. When the power MOSFET
turns on, the comparator is blanked first (until the
end of the turn-on transition) to reduce noise.
Then, the comparator compares the power-
switch current against the reference current set
by the COMP voltage. When the power-switch
current exceeds the reference current, the
comparator outputs low to turn off the power
MOSFET.
The maximum current of the internal power
MOSFET is limited internally cycle-by-cycle. The
current limit is related to the FB voltage and
deceases as Vo decreases, which prevents
inductor current runaway during start-up or an
output short circuit.
Start-Up and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and stable currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the rest of the circuit. After this
occurs, the soft-start block starts working and
output ramps up slowly.
Three events shut down the chip: VEN low, VIN
low, and thermal shutdown. During shutdown, the
signaling path is blocked initially to avoid
triggering any faults. Then the COMP voltage
and the internal supply rail are pulled down.
Power Good Output
The MP2454 includes an open-drain power good
output that indicates whether the regulator’s
output is within ±10% of its nominal value. When
the output voltage falls outside this range, the
POK output is pulled to ground. It should be
connected to a voltage source of no more than
5V through a resistor (e.g. 100kΩ). There is a
20µs de-glitch time when POK asserts high (if
POKDL is left floating). The de-glitch time can be
programmed by adding a capacitor on POKDL.
To select a capacitor for POKDL, use Equation
(2):
(V)
V
A)
(
I
(ms)
t
(nF)
C
th_POKDL
POKDL
POKDL
DL
(2)
Where IPOKDL is the POKD source current, and
Vth_POKDL is 1.2V.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com