Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2918GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2918GF
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2918GF Datasheet HTML 1Page - Monolithic Power Systems MP2918GF Datasheet HTML 2Page - Monolithic Power Systems MP2918GF Datasheet HTML 3Page - Monolithic Power Systems MP2918GF Datasheet HTML 4Page - Monolithic Power Systems MP2918GF Datasheet HTML 5Page - Monolithic Power Systems MP2918GF Datasheet HTML 6Page - Monolithic Power Systems MP2918GF Datasheet HTML 7Page - Monolithic Power Systems MP2918GF Datasheet HTML 8Page - Monolithic Power Systems MP2918GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MP2918
4V to 40V Input, Current Mode,
Synchronous, Step-Down Controller
MP2918 Rev. 1.02
www.MonolithicPower.com
1
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP2918 is a high-voltage, synchronous,
step-down, switching controller that can directly
step down voltages from up to 40V. The
MP2918 uses PWM current control architecture
with accurate cycle-by-cycle current limit and is
capable of driving dual N-channel MOSFET
switches.
Advanced Asynchronous Mode (AAM) enables
non-synchronous operation to optimize light-
load efficiency.
The operating frequency of the MP2918 can be
programmed
by
an
external
resistor
or
synchronized to an external clock for noise-
sensitive applications. Full protection features
include precision output over-voltage protection
(OVP), output over-current protection (OCP),
and thermal shutdown.
The MP2918 is available in TSSOP20-EP and
QFN-20 (3mmx4mm) packages.
APPLICATIONS
 Automotive
 Industrial Control Systems
FEATURES
 Wide 4V to 40V Operating Input Range
 Dual N-Channel MOSFET Driver
 0.8V
Voltage
Reference
with
±1.5%
Accuracy Over Temperature
 Low Dropout Operation: Maximum Duty
Cycle at 99.5%
 Programmable Frequency Range: 100kHz -
1000kHz
 External Sync Clock Range: 100kHz-
1000kHz
 180°Out-of-Phase SYNCO Pin
 Programmable Soft Start (SS)
 Power Good (PG) Output Voltage Monitor
 Selectable Cycle-by-Cycle Current Limit
 Output Over-Voltage Protection (OVP)
 Hiccup Over-Current Protection (OCP)
 Internal LDO with External Power Supply
Option
 Programmable Forced CCM and AAM
 Available
TSSOP20-EP
and
QFN-20
(3mmx4mm) Packages
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2918
4-40V
IN
VCC1
EN/SYNC
PG
PGND
FB
BG
TG
BST
SS
COMP
VOUT
VIN
FREQ
SENSE+
SW
CCM/AAM
SENSE-
SGND
VCC2
SYNCO
ILIM
VCC1
VCC1


Similar Part No. - MP2918GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
MP2910EN MPS-MP2910EN Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
MP2910ES MPS-MP2910ES Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
MP2910ES MPS-MP2910ES Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results

Similar Description - MP2918GF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Exar Corporation
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
40V Synchronous Step Down COT Controller
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com