Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4430GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4430GL
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4430GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4430GL Datasheet HTML 1Page - Monolithic Power Systems MP4430GL Datasheet HTML 2Page - Monolithic Power Systems MP4430GL Datasheet HTML 3Page - Monolithic Power Systems MP4430GL Datasheet HTML 4Page - Monolithic Power Systems MP4430GL Datasheet HTML 5Page - Monolithic Power Systems MP4430GL Datasheet HTML 6Page - Monolithic Power Systems MP4430GL Datasheet HTML 7Page - Monolithic Power Systems MP4430GL Datasheet HTML 8Page - Monolithic Power Systems MP4430GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MP4430
36V, 3.5A, Low Quiescent Current,
Synchronous, Step-Down Converter
MP4430 Rev. 1.01
www.MonolithicPower.com
1
1/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP4430 is a frequency-programmable
(350kHz to 2.5MHz), synchronous, step-down,
switching regulator with integrated internal high-
side and low-side power MOSFETs. It provides
up to 3.5A of highly efficient output current with
current mode control for fast loop response.
The wide 3.3V to 36V input range accommodates
a variety of step-down applications in automotive
input environments and is ideal for battery-
powered applications due to its extremely low
quiescent current.
The MP4430 employs advanced asynchronous
mode
(AAM),
which
helps
achieve
high
efficiency in light-load condition by scaling down
the switching frequency to reduce switching and
gate driving losses.
Standard features include soft
start (SS),
external clock synchronization, enable (EN)
control, and a power good (PG) indicator. High-
duty cycle and low dropout mode are provided
for automotive cold-crank condition.
Over-current
protection
(OCP)
with
valley-
current detection is employed to prevent the
inductor current from running away. Hiccup
mode reduces the average current in short-
circuit condition greatly. Thermal shutdown
provides reliable and fault-tolerant operation.
The
MP4430
is
available
in
a
QFN-16
(3mmx4mm) package.
FEATURES
Wide 3.3V to 36V Operating Input Range
3.5A Continuous Output Current
1
μA Low Shutdown Mode Current
10
μA Sleep Mode Quiescent Current
Internal 9
0mΩ High-Side and 40mΩ Low-
Side MOSFETs
350kHz
to
2.5MHz
Programmable
Switching Frequency
Fixed Output Options: 3.3V, 3.8V, 5V
Synchronize to External Clock
Selectable In-Phase or 180°Out-of-Phase
Power Good (PG) Indicator
Programmable Soft-Start (SS) Time
80ns Minimum On Time
Selectable Forced CCM or AAM
Low Dropout Mode
Over-Current Protection (OCP) with Valley-
Current Detection and Hiccup
Available
in
a
QFN-16
(3mmx4mm)
Package
APPLICATIONS
 Automotive Systems
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP4430
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
GND
PHASE
VCC
BIAS
PG
SS
3.3 to 36V
SYNC


Similar Part No. - MP4430GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4431GL MPS-MP4431GL Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432GL MPS-MP4432GL Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
More results

Similar Description - MP4430GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
EV4430-L-00A MPS-EV4430-L-00A Datasheet
2Mb / 13P
36V, 3.5A, Low Quiescent Current Synchronous Step-Down Convertor Evaluation Board
logo
Richtek Technology Corp...
RTQ2963-QA RICHTEK-RTQ2963-QA Datasheet
761Kb / 36P
60VIN, 3.5A, Asynchronous Step-Down Converter with Low Quiescent Current
March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com