Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4431GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4431GL
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4431GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4431GL Datasheet HTML 13Page - Monolithic Power Systems MP4431GL Datasheet HTML 14Page - Monolithic Power Systems MP4431GL Datasheet HTML 15Page - Monolithic Power Systems MP4431GL Datasheet HTML 16Page - Monolithic Power Systems MP4431GL Datasheet HTML 17Page - Monolithic Power Systems MP4431GL Datasheet HTML 18Page - Monolithic Power Systems MP4431GL Datasheet HTML 19Page - Monolithic Power Systems MP4431GL Datasheet HTML 20Page - Monolithic Power Systems MP4431GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP4431
– 36V, 1A, LOW IQ, SYNC, STEP-DOWN CONVERTER
MP4431 Rev. 1.01
www.MonolithicPower.com
17
1/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Error Amplifier (EA)
The error amplifier (EA) compares VFB with VREF
and outputs a current proportional to the
difference between the two. This output current
then
charges
or
discharges
the
internal
compensation network to form VCOMP, which
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
Internal Regulator and BIAS
Most of the internal circuitry is powered on by
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN exceeds 5V, the output of the
regulator is in full regulation. When VIN falls
below 5V, the output decreases following VIN.
A decoupling ceramic capacitor
≥1µF is needed
close to VCC.
For better thermal performance, connect BIAS
to an external power supply between 5V and
18V. The BIAS supply overrides VIN to power
the internal regulator. Using the BIAS supply
allows VCC to be derived from a high-efficiency
external source, such as VOUT. Float BIAS or
connect BIAS to ground if it is not being used.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the output
voltage of the internal regulator (VCC). The
UVLO rising threshold is about 2.8V with a
150mV hysteresis.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off. When EN is pulled below
its threshold voltage, the chip is put into the
lowest shutdown current mode. Pulling EN
above its threshold voltage turns on the part.
Do not float EN.
Power Good (PG) Indicator
The MP4431 has a power good (PG) indicator.
PG is the open drain of a MOSFET and should
be connected to VCC or another voltage source
through
a
resistor
(e.g.:
100kΩ). In the
presence of an input voltage, the MOSFET
turns on so that PG is pulled low before SS is
ready. When the regulator output is within
±10% of its nominal output, the PG output is
pulled high after a delay, typically 30
μs. When
the output voltage moves outside of this range
with a hysteresis, the PG output is pulled low
with a 50
μs delay to indicate a failure output
status.
Programmable Frequency
The oscillating frequency of the MP4431 can be
programmed either by an external frequency
resistor (RFREQ) or by a logic level synchronous
clock. The frequency resistor should be located
between FREQ and ground as close as to the
device as possible.
The value of RFREQ can be estimated with
Equation (1):
FREQ
1.11
SW
170000
R
(k
Ω)
f
(kHz)
(1)
The calculated resistance may need fine-tuning
during the bench test.
FREQ is not allowed to be floated, even if an
external SYNC clock is added.
SYNC and PHASE
The
internal
oscillator
frequency
can
be
synchronized to an external clock ranging from
350kHz up to 2.5MHz through SYNC. The
external clock should be at least 250kHz larger
than the RFREQ set frequency. Ensure that the
high amplitude of the SYNC clock is higher than
1.8V, and the low amplitude is lower than 0.4V.
There is no pulse width requirement, but there
is always parasitic capacitance of the pad, so if
the pulse width is too short, a clear rising and
falling edge may not be seen due to the
parasitic capacitance. A pulse longer than
100ns is recommended in application.
PHASE is used when two or more MP4431
devices are in parallel with the same SYNC
clock. Pulling PHASE high forces the device to
operate in-phase of the SYNC clock. Pulling
PHASE low forces the device to be 180°out-of-
phase of the SYNC clock. By setting different
voltages for PHASE, two devices can operate
180° out-of-phase to reduce the total input
current
ripple so a smaller input
bypass
capacitor can be used (see Figure 4). The
PHASE rising threshold is about 2.5V with a
400mV hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com