Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4433 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4433
Description  36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4433 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4433 Datasheet HTML 15Page - Monolithic Power Systems MP4433 Datasheet HTML 16Page - Monolithic Power Systems MP4433 Datasheet HTML 17Page - Monolithic Power Systems MP4433 Datasheet HTML 18Page - Monolithic Power Systems MP4433 Datasheet HTML 19Page - Monolithic Power Systems MP4433 Datasheet HTML 20Page - Monolithic Power Systems MP4433 Datasheet HTML 21Page - Monolithic Power Systems MP4433 Datasheet HTML 22Page - Monolithic Power Systems MP4433 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MP4433 - 36V, 3A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MP4433 Rev. 1.01
www.MonolithicPower.com
19
1/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Internal Regulator and BIAS
Most of the internal circuitry is powered by the
5V internal regulator. This regulator takes VIN
and operates in the full VIN range. When VIN
exceeds 5V, the output of the regulator is in full
regulation. When VIN falls below 5V, the output
decreases following VIN. A decoupling ceramic
capacitor is needed close to VCC.
For better thermal performance, connect BIAS
to an external power supply between 5V to 18V.
The BIAS supply overrides VIN to power the
internal regulator. Using the BIAS supply allows
VCC to be derived from a high-efficiency
external source, such as VOUT. Float BIAS or
connect BIAS to ground if it is not being used.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the output
voltage of the internal regulator (VCC). The
UVLO rising threshold is about 2.8V with a
150mV hysteresis.
Enable Control (EN)
EN is a digital control pin that turns the
regulator on and off. When EN is pulled below
its threshold voltage, the chip is put into the
lowest shutdown current mode. Pulling EN
above its threshold voltage turns on the part.
Do not float EN.
Power Good Indicator (PG)
The MP4433 has a power good (PG) indication.
PG is the open drain of a MOSFET and should
be connected to VCC or another voltage source
through
a
resistor
(e.g.:
100kΩ). In the
presence of an input voltage, the MOSFET
turns on so that PG is pulled low before SS is
ready. When the regulator output is within
±10% of its nominal output, the PG output is
pulled high after a delay (typically 30
μs). When
the output voltage moves outside this range
with a hysteresis, the PG output is pulled low
with a 50
μs delay to indicate a failure output
status.
Programmable Frequency
The oscillating frequency of the MP4433 can be
programmed either by an external frequency
resistor
(RFREQ)
or
by
a
logic
level
synchronization clock.
The frequency resistor
should be located
between FREQ and ground as close to the device
as possible. The value of RFREQ can be estimated
with Equation (1):
)
kHz
(
f
170000
)
kΩ
(
R
11
.
1
sw
FREQ
(1)
The calculated resistance may need fine tuning
with a bench test. Do not float FREQ even if an
external SYNC clock is added.
SYNC and PHASE
The internal oscillator frequency can also be
synchronized to an external clock ranging from
350kHz to 2.5MHz through SYNC. The external
clock should be at least 250kHz larger than the
RFREQ set frequency. Ensure that the high
amplitude of the SYNC clock is higher than
1.8V and the low amplitude is lower than 0.4V.
There is no pulse width requirement, but there
is always a parasitic capacitance of the pad, so
if the pulse width is too short, a clear rising and
falling edge may not be seen due to the
parasitic capacitance. A pulse longer than
100ns is recommended in application.
PHASE is used when two or more MP4433
devices are in parallel with the same SYNC
clock. Pulling PHASE high forces the device to
operate in-phase of the SYNC clock. Pulling
PHASE low forces the device to be 180°out-of-
phase of the SYNC clock. By setting different
voltages of PHASE, two devices can operate in
180° out-of-phase to reduce the total input
current ripple, so a smaller input bypass
capacitor can be used (see Figure 4). The
PHASE rising threshold is about 2.5V with a
400mV hysteresis.
SYNC
CLK
SW1
SW2
t
SW1, 2 has a 180o phase shift
SW1: Phase high
SW2: Phase low
Figure 4: In-Phase and 180°Out-of-Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com