Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4559 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4559
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4559 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4559 Datasheet HTML 11Page - Monolithic Power Systems MP4559 Datasheet HTML 12Page - Monolithic Power Systems MP4559 Datasheet HTML 13Page - Monolithic Power Systems MP4559 Datasheet HTML 14Page - Monolithic Power Systems MP4559 Datasheet HTML 15Page - Monolithic Power Systems MP4559 Datasheet HTML 16Page - Monolithic Power Systems MP4559 Datasheet HTML 17Page - Monolithic Power Systems MP4559 Datasheet HTML 18Page - Monolithic Power Systems MP4559 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP4559 – 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MP4559 Rev. 1.01
www.MonolithicPower.com
17
12/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 5 for reference.
1) Keep the path of switching current short
and minimize the loop area formed by Input
cap, high-side MOSFET and external
switching diode.
2) Bypass ceramic capacitors are suggested
to be put close to the VIN Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
MP4559 Typical Application Circuit
R6
C4
C1
R1
GND
GND
Vin
Vo
SW
L1
C2
D1
GND
TOP Layer
Bottom Layer
MP4559DN Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com