Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4570 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 13Page - Monolithic Power Systems MP4570 Datasheet HTML 14Page - Monolithic Power Systems MP4570 Datasheet HTML 15Page - Monolithic Power Systems MP4570 Datasheet HTML 16Page - Monolithic Power Systems MP4570 Datasheet HTML 17Page - Monolithic Power Systems MP4570 Datasheet HTML 18Page - Monolithic Power Systems MP4570 Datasheet HTML 19Page - Monolithic Power Systems MP4570 Datasheet HTML 20Page - Monolithic Power Systems MP4570 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
17
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Switching Frequency
The MP4570 has an externally adjustable
frequency. The switching frequency (fSW) can be
set using a resistor at FREQ pin (RFREQ). The
recommended RFREQ values for various fSW see
table1. Refer to fSW vs. RFREQ curve in TYPICAL
CHARACTERISTICS section for more detailed
values.
Table 1 — fSW vs. RFREQ
fSW (kHz)
RFREQ (kΩ)
1000
47.5
900
56
800
63.4
700
73.2
600
84.5
500
102
400
133
300
178
200
261
100
523
Setting the Output Voltage
A resistive voltage divider from the output voltage
to FB pin sets the output voltage. The voltage
divider divides the output voltage down to the
feedback voltage by the ratio:
FB
OUT
R2
V=V
R1+R2
Thus the output voltage is:
OUT
FB
R1+R2
V=V
R2
For example, the value for R1 can be 10kΩ. With
this value, R2 is:
kΩ
1
V
10
R2
OUT
So for a 3.3V output voltage, R1 is 10kΩ, and R1
is 4.32kΩ.
Inductor
The inductor provides constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor will result in
lower ripple current that will lower the output
ripple voltage. However, a larger inductor value
will be physically larger, have higher series
resistance, or lower saturation current.
To determine the inductance, allow the inductor’s
peak-to-peak ripple current to approximately
equal 30% of the maximum switch current limit.
Make sure that the peak inductor current is less
than the maximum switch current limit. The
inductance value can be calculated by:


IN
OUT
L
SW
OUT
V
V
1
∆I
f
V
L1
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:


IN
OUT
SW
OUT
LOAD
LP
V
V
1
L1
f
2
V
I
I
Where ILOAD is the load current.
Input Capacitor
The input current to the step-down converter is
discontinuous and requires a capacitor to supply
the AC current to the step-down converter while
maintaining the DC input voltage. Use capacitors
with low equivalent series resistances (ESR) for
the best performance. Ceramic capacitors are
best, but tantalum or low-ESR electrolytic
capacitors may also suffice.
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current. The input capacitor (C1)
can be electrolytic, tantalum, or ceramic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com