Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4575GF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4575GF
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575GF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4575GF Datasheet HTML 9Page - Monolithic Power Systems MP4575GF Datasheet HTML 10Page - Monolithic Power Systems MP4575GF Datasheet HTML 11Page - Monolithic Power Systems MP4575GF Datasheet HTML 12Page - Monolithic Power Systems MP4575GF Datasheet HTML 13Page - Monolithic Power Systems MP4575GF Datasheet HTML 14Page - Monolithic Power Systems MP4575GF Datasheet HTML 15Page - Monolithic Power Systems MP4575GF Datasheet HTML 16Page - Monolithic Power Systems MP4575GF Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
13
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
BLOCK DIAGRAM
ISW
1V
SS_Internal
SS_Internal
SS
400mV
PLL
CLK
FB Fsw Foldback
FREQ Setting
PLL Fsw Setting
PLL ON
COMP Fsw Foldback
110%REF
90%REF
FB
OC
ZC
CLK
ZC
SW LOW
RB
CPB
LS
DMOS
Q
HS
DMOS
HS Current
Limit COMP
SW
VIN
BST
CLK
LS DRVL LOW
NO OC
PGND
PG
FB
COMP
FREQ
Internal
Regulator
(2.5V)
VDD
Regulator
(3.6V or 4.8V)
Voltage
Reference
Current
Reference
Thermal
Shutdown
VIN UVLO
BIAS
2V
CLK
VDD
ISW
EN
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com