Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8619 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8619
Description  8A, 25V, 600kHz Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8619 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8619 Datasheet HTML 1Page - Monolithic Power Systems MP8619 Datasheet HTML 2Page - Monolithic Power Systems MP8619 Datasheet HTML 3Page - Monolithic Power Systems MP8619 Datasheet HTML 4Page - Monolithic Power Systems MP8619 Datasheet HTML 5Page - Monolithic Power Systems MP8619 Datasheet HTML 6Page - Monolithic Power Systems MP8619 Datasheet HTML 7Page - Monolithic Power Systems MP8619 Datasheet HTML 8Page - Monolithic Power Systems MP8619 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP8619 – 8A, 25V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8619 Rev. 0.9
www.MonolithicPower.com
2
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8619EQJ
5x6 QFN30
8619EQJ
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8619EQJ–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP8619EQJ–LF–Z)
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
9
1011121314
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
NC
NC
NC
NC
BG
BG
BG
BG
SW
SW
SW
SW
GND
GND
Vcc
BST
SW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN .......................................28V
VSW ......................................–0.3V to VIN + 0.3V
VBS ..................................................... VSW + 6V
All Other Pins................................ –0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………..……………..3.79W
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 25V
Output Voltage VOUT........................ 0.8V to 15V
Operating Junct. Temp (TJ)..... –20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
5x6 QFN30............................. 33 ....... 7....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com