Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8712 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8712 Datasheet HTML 9Page - Monolithic Power Systems MP8712 Datasheet HTML 10Page - Monolithic Power Systems MP8712 Datasheet HTML 11Page - Monolithic Power Systems MP8712 Datasheet HTML 12Page - Monolithic Power Systems MP8712 Datasheet HTML 13Page - Monolithic Power Systems MP8712 Datasheet HTML 14Page - Monolithic Power Systems MP8712 Datasheet HTML 15Page - Monolithic Power Systems MP8712 Datasheet HTML 16Page - Monolithic Power Systems MP8712 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
13
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-14
Pin#
Name
Description
1
BST
Bootstrap. A capacitor is required between SW and BST to form a floating supply across
the high-side switch driver.
2
SW
Switch output. Connect using a wide PCB trace.
3, 4, 6
NC
No connection. Leave NC floating.
5
EN
Enable. Drive EN high to enable the MP8712. EN has a 1.5MΩ internal pull-down resistor
to GND. EN is a high-voltage pin and can be connected to VIN directly for auto start-up.
7
PG
Power good indication. PG is an open-drain structure. PG is de-asserted if the output
voltage is out of the regulation window.
8
PGND
System power ground. PGND is the reference ground of the regulated output voltage.
PGND requires special consideration during the PCB layout. Connect PGND to the
ground plane with copper traces and vias.
9
VIN
Supply voltage. The MP8712 operates from a 3V to 18V input rail. VIN requires a
ceramic capacitor to decouple the input rail. Connect VIN using a wide PCB trace.
10
VOUT
Output voltage sense. Connect VOUT to the positive terminal of the load.
11
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage.
12
SS
Soft start set-up. Connect a capacitor from SS to ground to set the soft-start time.
13
VCC
Internal LDO regulator output. Decouple VCC with a 0.47µF capacitor.
14
AGND
Signal ground. AGND is not connected to PGND internally. Ensure that AGND is
connected to PGND in the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com