Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8712GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8712GL
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8712GL Datasheet HTML 16Page - Monolithic Power Systems MP8712GL Datasheet HTML 17Page - Monolithic Power Systems MP8712GL Datasheet HTML 18Page - Monolithic Power Systems MP8712GL Datasheet HTML 19Page - Monolithic Power Systems MP8712GL Datasheet HTML 20Page - Monolithic Power Systems MP8712GL Datasheet HTML 21Page - Monolithic Power Systems MP8712GL Datasheet HTML 22Page - Monolithic Power Systems MP8712GL Datasheet HTML 23Page - Monolithic Power Systems MP8712GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
20
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The input voltage ripple caused by capacitance
can be estimated with Equation (8):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(8)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (9):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
  (9)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (10):
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

(10)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (11):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(11)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP8712 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the following
conditions:
 VOUT is 5V or 3.3V
 Duty cycle is high: D > 50%
In these cases, add an external BST diode from
VCC to BST (see Figure 6).
SW
BST
MP8712
C
L
BST
COUT
External BST Diode
VCC
IN4148
Figure 6: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
1N4148, and the recommended BST capacitor
value is 0.1μF to 1μF.
Connecting VCC to VIN at a Low Input
Voltage
VCC can be connected to VIN directly when
VIN is lower than 3.5V. This helps improve the
MP8712’s
low
input
voltage
efficiency
performance. To use this application set-up, the
VIN spike voltage must be limited below 4V;
otherwise, VCC could be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com