Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP080C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP080C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP080C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP080C Datasheet HTML 1Page - BeRex Corporation BCP080C Datasheet HTML 2Page - BeRex Corporation BCP080C Datasheet HTML 3Page - BeRex Corporation BCP080C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP080C
S-PARAMETERS (Vds = 8V, Ids = 120mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.91
-65.34
13.90
139.51
0.025
59.06
0.51
-25.98
2.0
0.84
-109.12
10.16
113.35
0.038
41.30
0.41
-40.91
3.0
0.80
-138.26
7.66
95.29
0.042
31.30
0.35
-49.82
4.0
0.80
-159.40
6.03
81.59
0.043
25.28
0.31
-55.59
5.0
0.80
-175.90
4.91
69.83
0.045
22.42
0.28
-61.55
6.0
0.80
170.62
4.09
59.08
0.044
24.55
0.26
-69.21
7.0
0.82
159.14
3.50
49.63
0.045
22.32
0.25
-77.96
8.0
0.83
149.27
3.03
40.49
0.044
22.24
0.24
-86.56
9.0
0.84
140.52
2.64
31.46
0.044
21.59
0.24
-97.86
10.0
0.86
132.91
2.32
23.14
0.043
20.15
0.25
-109.31
11.0
0.87
126.47
2.04
15.19
0.048
23.22
0.25
-122.87
12.0
0.89
120.57
1.81
7.23
0.047
24.12
0.27
-135.95
13.0
0.90
115.44
1.62
-0.24
0.050
21.03
0.30
-148.64
14.0
0.91
110.72
1.44
-7.35
0.050
20.46
0.33
-159.77
15.0
0.93
106.04
1.29
-14.89
0.052
19.48
0.37
-170.33
16.0
0.93
102.34
1.15
-21.63
0.054
17.33
0.41
-178.77
17.0
0.94
99.33
1.03
-28.10
0.056
17.10
0.47
173.43
18.0
0.95
94.95
0.92
-35.03
0.056
13.38
0.51
166.46
19.0
0.94
93.20
0.81
-41.10
0.058
12.46
0.56
161.38
20.0
0.95
91.04
0.71
-46.48
0.059
11.04
0.61
155.94
21.0
0.94
90.33
0.63
-51.08
0.062
9.66
0.65
151.50
22.0
0.93
89.04
0.56
-55.67
0.067
10.20
0.69
147.83
23.0
0.92
87.42
0.50
-60.42
0.072
7.56
0.72
142.41
24.0
0.92
87.13
0.44
-64.22
0.070
4.63
0.74
138.53
25.0
0.92
87.35
0.38
-67.40
0.067
7.50
0.76
134.77
26.0
0.94
84.90
0.34
-69.90
0.072
7.17
0.78
130.94
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com