Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMSAW06D Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMSAW06D
Description  Universal Input Voltage of 90~264VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW06D Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMSAW06D Datasheet HTML 1Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 2Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 3Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev E
WMSAW06D SERIES
Up to 6 Watts
AC DC Wall Mount Power Supplies
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current
1.2
A
Inrush Current
40
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
1
%
Output Regulation
-5
+5
%
Output Power
See Table
Output Current
See Table
Ripple & Noise
1% of Output Voltage
See Table
Turn On Time
Nominal
20
30
S
PROTECTION
Short Circuit Protection
2A Inner Current Fuse
Over Current Protection
Automatic Recovery
GENERAL SPECIFICATIONS
Insulation Resistance
Primary Secondary
50
M
Ω
Standby Power
0.1
W
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
10
40
ºC
Storage Temperature
-20
80
%ºC
Temperature Coefficient
0.05
%/ºC
Humidity
Non-Condensing
5
95
%
Cooling
Convection
PHYSICAL SPECIFICATIONS
Weight
5.28oz (149.69g)
Dimensions
1.52in x 0.93in x 1.65in
(42mm x 23.70mm x 42.00mm)
SAFETY
Safety Approvals
UL/cUL (60950 & UL1310)
FCC
NOTES
(1)
“x” in model number stands for plug type. “x” can either be U for USA plug, or E for EU plug.
A or B in the model number stand for either USB or Cable output. A=USB and B=Cable.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com