Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMEM1005AVUx Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMEM1005AVUx
Description  RoHS Compliance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMEM1005AVUx Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMEM1005AVUx Datasheet HTML 1Page - Wall Industries,Inc. WMEM1005AVUx Datasheet HTML 2Page - Wall Industries,Inc. WMEM1005AVUx Datasheet HTML 3Page - Wall Industries,Inc. WMEM1005AVUx Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev B
WMEM1005 SERIES
6 Watts
AC/DC Medical Wall Mount Power Supply
Single Outputs
2/16/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
• Input Voltage Range of 100 to
240VAC
• USB or Strain Relief Types
• Meets CEC Level VI (DoE)
• RoHS Compliance
• UK, USA, or EU Plug Type
• Over Voltage, Short Circuit, and Over
Current Protection
• Vertical or Horizontal Package
Available
• UL/cUL, UL60601, CB 60601, CE, and
FCC Safety Approvals
DESCRIPTION
The WMEM1005 series of AC/DC medical wall mount power supplies offers up
to 6 watts of output power in a horizontal or vertical case. This series consists of
single output models with an input voltage range of 100 to 240VAC. Several
options are available for this series; horizontal or vertical case type, USB or
Strain Relief output type, and either UK, USA, or EU plug type. Each model in
this series is RoHS and CEC Level VI compliant and has over voltage, short
circuit, and over current protection. This series has UL/cUL, UL60601, CB
60601, CE, and FCC safety approvals. Please call factory for order details.
MODEL SELECTION TABLE
Vertical Case
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Plug Type
Min Load
Max Load
WMEM1005AVUx
100~240VAC
5~8
0A
1.2A
100mV
6W
US
WMEM1005AVEx
EU
WMEM1005AVKx
UK
WMEM1005BVUx
100~240VAC
9~12
0A
0.66A
180mV
6W
US
WMEM1005BVEx
EU
WMEM1005BVKx
UK
WMEM1005CVUx
100~240VAC
9V
0A
0.5A
180mV
4.5W
US
WMEM1005CVEx
EU
WMEM1005CVKx
UK
WMEM1005DVUx
100~240VAC
9V
0A
0.67A
180mV
6W
US
WMEM1005DVEx
EU
WMEM1005DVKx
UK
MODEL SELECTION TABLE
Horizontal Case(2)
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise(3)
Output Power
Plug Type
Min Load
Max Load
WMEM1005AHUx
100~240VAC
5~8
0A
1.2A
100mV
6W
US
WMEM1005AHEx
EU
WMEM1005BHUx
100~240VAC
9~12
0A
0.66A
180mV
6W
US
WMEM1005BHEx
EU
WMEM1005CHUx
100~240VAC
9V
0A
0.5A
180mV
4.5W
US
WMEM1005CHEx
EU
WMEM1005DHUx
100~240VAC
9V
0A
0.67A
180mV
6W
US
WMEM1005DHEx
EU


Similar Part No. - WMEM1005AVUx

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMEM1024Ax WALL-WMEM1024Ax Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMEM1024Bx WALL-WMEM1024Bx Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMEM1024Cx WALL-WMEM1024Cx Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMEM1024Dx WALL-WMEM1024Dx Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
More results

Similar Description - WMEM1005AVUx

ManufacturerPart #DatasheetDescription
logo
Surge Components
MGK SURGE-MGK Datasheet
1Mb / 3P
rohs compliance
OCV SURGE-OCV Datasheet
1Mb / 3P
rohs compliance
OCVU SURGE-OCVU Datasheet
704Kb / 2P
rohs compliance
RLA SURGE-RLA Datasheet
1Mb / 2P
rohs compliance
RXR SURGE-RXR Datasheet
785Kb / 2P
rohs compliance
SS SURGE-SS Datasheet
988Kb / 1P
rohs compliance
SXJ SURGE-SXJ Datasheet
483Kb / 1P
rohs compliance
VEJ SURGE-VEJ Datasheet
1Mb / 2P
rohs compliance
VLW SURGE-VLW Datasheet
1,012Kb / 1P
rohs compliance
VSS SURGE-VSS Datasheet
498Kb / 1P
rohs compliance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com