Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMAPU10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMAPU10
Description  8~10 Watts AC/DC Wall Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMAPU10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMAPU10 Datasheet HTML 1Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 2Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 3Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev B
WMAPU10 SERIES
8~10 Watts
AC/DC Wall Mount Power Supplies
07/03/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: WMAPU10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Safety Approvals Input Voltage Range
100
240
VAC
Operating Input Voltage Range
90
264
Input Frequency
47
63
Hz
Input Current
100VAC, full load
0.3
A
240VAC, full load
0.3
Inrush Current
115VAC, full load, 25°C, cold start
35
40
A
230VAC, full load, 25°C, cold start
70
80
No Load Power Consumption
230VAC, no load
See Table
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
0.5
1
%
Load Regulation
230VAC
3
5
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (peak to peak)
90VAC, full load
2
%
Hold-up Time
110VAC, full load
10
ms
Start-up Time
100VAC, full load
2
s
Transient Response Time
100VAC, Full load to half load
4
ms
Temperature Coefficient
0~50°C
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
none
Over Current Protection
none, but output is protected against short circuit conditions
GENERAL SPECIFICATIONS
Efficiency
230VAC, full load
71
76
85
%
Dielectric Withstanding Voltage
Primary to Secondary
4242
VDC
Leakage Current
240VAC/60Hz
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 40°C to 50% load at
70°C
-40
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
3.17oz (90g)
Dimensions (L x W x H)
2.20 x 1.73 x 1.08 inches
(56.0 x 44.0 x 27.5 mm)
AC Plug
US Type
Output Connector
Several options available
SAFETY, EMC, & COMPLIANCE
Safety Approvals
UL/cUL (UL60950-1: 2nd edition), TUV/GS (EN60950-1: 2nd edition), CE
EMI Requirements for FCC
110VAC
B
Class
Compliance
RoHS and UL 94V-1
CEC & Energy Star
CEC and Energy Star 2.0, Efficiency Level VI



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com