Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCSERIES Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # RCSERIES
Description  1 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RCSERIES Datasheet(HTML) 2 Page - Wall Industries,Inc.

  RCSERIES Datasheet HTML 1Page - Wall Industries,Inc. RCSERIES Datasheet HTML 2Page - Wall Industries,Inc. RCSERIES Datasheet HTML 3Page - Wall Industries,Inc. RCSERIES Datasheet HTML 4Page - Wall Industries,Inc. RCSERIES Datasheet HTML 5Page - Wall Industries,Inc. RCSERIES Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev C
RC SERIES
1 Watt DC/DC Power Converters
07/17/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output Voltage
Output Current
Load Reg.
Ripple &
Noise
Output Power
Efficiency(2)
Package
Type
Min(1)
Max
RC33S33-303NH
3.3 VDC
(2.97 - 3.63
VDC)
3.3 VDC
30.3mA
303mA
15%
75mVp-p
1W
65%
1
RC33S5-200NH
5 VDC
20mA
200mA
12%
75mVp-p
1W
70%
1
RC33S9-112NH
9 VDC
11.2mA
112mA
8.0%
75mVp-p
1W
75%
1
RC33S12-83NH
12 VDC
8.4mA
84mA
8.5%
75mVp-p
1W
78%
2
RC33S15-67NH
15 VDC
6.7mA
67mA
7.0%
75mVp-p
1W
80%
2
RC5S33-303NH
5 VDC
(4.5 - 5.5 VDC)
3.3 VDC
30.3mA
303mA
15%
75mVp-p
1W
65%
1
RC5S5-200NH
5 VDC
20mA
200mA
12%
75mVp-p
1W
70%
1
RC5S9-112NH
9 VDC
11.2mA
112mA
8.0%
75mVp-p
1W
75%
1
RC5S12-83NH
12 VDC
8.4mA
84mA
8.5%
75mVp-p
1W
78%
2
RC5S15-67NH
15 VDC
6.7mA
67mA
7.0%
75mVp-p
1W
80%
2
RC9S33-303NH
9 VDC
(8.1 - 9.9 VDC)
3.3 VDC
30.3mA
303mA
15%
75mVp-p
1W
65%
1
RC9S5-200NH
5 VDC
20mA
200mA
12%
75mVp-p
1W
70%
1
RC9S9-112NH
9 VDC
11.2mA
112mA
8.0%
75mVp-p
1W
75%
1
RC9S12-83NH
12 VDC
8.4mA
84mA
8.5%
75mVp-p
1W
78%
2
RC9S15-67NH
15 VDC
6.7mA
67mA
7.0%
75mVp-p
1W
80%
2
RC12S33-303NH
12 VDC
(10.8 - 13.2
VDC)
3.3 VDC
30.3mA
303mA
15%
75mVp-p
1W
65%
2
RC12S5-200NH
5 VDC
20mA
200mA
12%
75mVp-p
1W
70%
2
RC12S9-112NH
9 VDC
11.2mA
112mA
8.0%
75mVp-p
1W
75%
2
RC12S12-83NH
12 VDC
8.4mA
84mA
8.5%
75mVp-p
1W
78%
2
RC12S15-67NH
15 VDC
6.7mA
67mA
7.0%
75mVp-p
1W
80%
2
RC24S33-303NH
15 VDC
(13.5 - 16.5
VDC)
3.3 VDC
30.3mA
303mA
15%
75mVp-p
1W
65%
2
RC24S5-200NH
5 VDC
20mA
200mA
12%
75mVp-p
1W
70%
2
RC24S9-112NH
9 VDC
11.2mA
112mA
8.0%
75mVp-p
1W
75%
2
RC24S12-83NH
12 VDC
8.4mA
84mA
8.5%
75mVp-p
1W
78%
2
RC24S15-67NH
15 VDC
6.7mA
67mA
7.0%
75mVp-p
1W
80%
2
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output Voltage
Output Current
Load Reg.
Ripple &
Noise
Output Power
Efficiency(2)
Package
Type
Min(1)
Max
RC33D33-150NH
3.3 VDC
(2.97 - 3.63
VDC)
±3.3 VDC
±15mA
±150mA
15%
75mVp-p
1W
65%
1
RC33D5-100NH
±5 VDC
±10mA
±100mA
12%
75mVp-p
1W
70%
1
RC33D9-55NH
±9 VDC
±5.6mA
±56mA
8.0%
75mVp-p
1W
75%
1
RC33D12-42NH
±12 VDC
±4.2mA
±42mA
8.5%
75mVp-p
1W
78%
2
RC33D15-33NH
±15 VDC
±3.4mA
±34mA
7.0%
75mVp-p
1W
80%
2
RC5D33-150NH
5 VDC
(4.5 - 5.5 VDC)
±3.3 VDC
±15mA
±150mA
15%
75mVp-p
1W
65%
1
RC5D5-100NH
±5 VDC
±10mA
±100mA
12%
75mVp-p
1W
70%
1
RC5D9-55NH
±9 VDC
±5.6mA
±56mA
8.0%
75mVp-p
1W
75%
1
RC5D12-42NH
±12 VDC
±4.2mA
±42mA
8.5%
75mVp-p
1W
78%
2
RC5D15-33NH
±15 VDC
±3.4mA
±34mA
7.0%
75mVp-p
1W
80%
2
RC9D33-150NH
9 VDC
(8.1 - 9.9 VDC)
±3.3 VDC
±15mA
±150mA
15%
75mVp-p
1W
65%
1
RC9D5-100NH
±5 VDC
±10mA
±100mA
12%
75mVp-p
1W
70%
1
RC9D9-55NH
±9 VDC
±5.6mA
±56mA
8.0%
75mVp-p
1W
75%
1
RC9D12-42NH
±12 VDC
±4.2mA
±42mA
8.5%
75mVp-p
1W
78%
2
RC9D15-33NH
±15 VDC
±3.4mA
±34mA
7.0%
75mVp-p
1W
80%
2
RC12D33-150NH
12 VDC
(10.8 - 13.2
VDC)
±3.3 VDC
±15mA
±150mA
15%
75mVp-p
1W
65%
2
RC12D5-100NH
±5 VDC
±10mA
±100mA
12%
75mVp-p
1W
70%
2
RC12D9-55NH
±9 VDC
±5.6mA
±56mA
8.0%
75mVp-p
1W
75%
2
RC12D12-42NH
±12 VDC
±4.2mA
±42mA
8.5%
75mVp-p
1W
78%
2
RC12D15-33NH
±15 VDC
±3.4mA
±34mA
7.0%
75mVp-p
1W
80%
2
RC15D33-150NH
15 VDC
(13.5 - 16.5
VDC)
±3.3 VDC
±15mA
±150mA
15%
75mVp-p
1W
65%
2
RC15D5-100NH
±5 VDC
±10mA
±100mA
12%
75mVp-p
1W
70%
2
RC15D9-55NH
±9 VDC
±5.6mA
±56mA
8.0%
75mVp-p
1W
75%
2
RC15D12-42NH
±12 VDC
±4.2mA
±42mA
8.5%
75mVp-p
1W
78%
2
RC15D15-33NH
±15 VDC
±3.4mA
±34mA
7.0%
75mVp-p
1W
80%
2
NOTES
1. The RC series requires a ±10% minimum output load to maintain all specified regulations.
2. As the input voltage increases, the efficiency will also increase.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com