Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSAC5 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSAC5
Description  RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSAC5 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSAC5 Datasheet HTML 1Page - Wall Industries,Inc. PSSAC5 Datasheet HTML 2Page - Wall Industries,Inc. PSSAC5 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev B
PSSAC5 SERIES
5 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Vi nom, Io nom
65
KHz
Isolation Voltage
Input/Output
3KVac/5mA/5Secs
Isolation Resistance
Input/Output @500VDC
100
M
Ω
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
1in x 1in x 0.63in
(25.4mm x 25.4mm x 16.1mm)
Weight
0.71oz (20g)
Packaging
Outer Carton Unit
490pcs/box
Weight
11.7kg/carton
SAFETY CHARACTERISTICS
Safety Standards
Design refers to UL60950-1, IEC60950-1
EMI Conduction & Radiation(3)
Design refers to EN55022
Class B
EMS Immunity
Design refers to EN61000
NOTES
1.
Ripple & Noise is measured by using 20MHz bandwidth, measured with a 10uF paralleled with a high-frequency 0.47uf capacitor across each
output by full load.
2.
Zener diode clamp is provided in package.
3.
Can be met without external filtering.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
MECHANICAL DRAWINGS
Markings & Dimensions
PINS
Unit: mm, Unless otherwise specified, all tolerances are ±0.50
PIN
Single
1
AC Neutral
2
AC Line
3
NC
4
-Vo
5
+Vo



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com