Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVIB Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # HVIB
Description  High Power Density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

HVIB Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button HVIB Datasheet HTML 3Page - Wall Industries,Inc. HVIB Datasheet HTML 4Page - Wall Industries,Inc. HVIB Datasheet HTML 5Page - Wall Industries,Inc. HVIB Datasheet HTML 6Page - Wall Industries,Inc. HVIB Datasheet HTML 7Page - Wall Industries,Inc. HVIB Datasheet HTML 8Page - Wall Industries,Inc. HVIB Datasheet HTML 9Page - Wall Industries,Inc. HVIB Datasheet HTML 10Page - Wall Industries,Inc. HVIB Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TECHNICAL DATASHEET
In Development
HVIB Series
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/27/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 8 of 11
TEST SETUP:
The HVIB series specifications are tested with the following configurations:
Regulation and Efficiency Setup
To ensure that accurate measurements are taken, the voltage measurements are taken directly at the terminals of
the module. This minimizes errors due to contact and trace lengths between the load and the output of the supply.
The following diagram is of the test setup.
Figure 5: Regulation and Efficiency Probe Setup
Output Ripple Voltage Setup
The module is tested with a 0.1μF ceramic capacitor in parallel with a 10μF tantalum capacitor across the output
terminals. Unless otherwise specified, bandwidth is limited to 20MHZ.
Figure 6: Ripple Voltage Probe Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com