Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSATC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSATC
Description  10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSATC Datasheet HTML 1Page - Wall Industries,Inc. PSATC Datasheet HTML 2Page - Wall Industries,Inc. PSATC Datasheet HTML 3Page - Wall Industries,Inc. PSATC Datasheet HTML 4Page - Wall Industries,Inc. PSATC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev H
PSATC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power
Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
SCREW TERMINAL OPTIONS
PSATC-A2
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
FG
FG
2
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
4
NO
CONNECT
NO
CONNECT
5
-DC OUT
-DC OUT
6
NO
CONNECT
COMMON
7
+DC OUT
+DC OUT
8
NO
CONNECT
NO
CONNECT
PSATC-A5
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
FG
FG
2
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
4
NO
CONNECT
NO
CONNECT
5
-DC OUT
-DC OUT
6
NO
CONNECT
COMMON
7
+DC OUT
+DC OUT
8
NO
CONNECT
NO
CONNECT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com