Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL600W Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # CGL600W
Description  PURE SINEWAVE INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL600W Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  CGL600W Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL600W Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL SPECIFICATIONS
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NOVA ELECTRIC
SPECIFICATIONS
ELECTRICAL
PROTECTIVE FEATURES
ENVIRONMENTAL
MODEL SELECTION
PURE SINEWAVE DC-AC INVERTER
Input: 12VDC; 24VDC; 48VDC Nominal
Output for 110V Models: 100/110/120VAC
Output for 220V Models: 220/230/240VAC
Frequency: 50 or 60Hz user selectable
Accury: +/- 0.05%
Power Rating Continuous: 600W/700VA
Surge Rating: 800W/1000VA
Peak Output Current 110V Models: 10A
Peak Output Current 230V Models: 5A
Efficiency (full load): 110V model 83%
Efficiency (full load): 220V model 90%
No Load Current: 0.7A (110 V Models)
0.35A (230 V Models)
Output Waveform: Sinewave <5% THD
Output Regulation: -10% / +4% all models
Operating Temp.: -20° to +50°C
Storage Temp. Range: -40° to +71°C
Humidity: To 95% non-condensing
• Microprocessor based design with absolutely
accurate and stable frequency
• Compact and lightweight, yet rugged and
vehicle rated
• Tightly regulated output voltage and frequency
• Switch selectable 50 or 60 Hz output
• Capable of driving highly reactive loads such as
electric tools and appliances
• Capable of driving highly capacitive loads such
as switching power supplies
• Very low harmonic distortion, THD < 4%
• Suitable for vehicle or wall mounting
• Switch selectable +/-10V output change
• Sinewave performance at modified sinewave prices
• CE Approved
FEATURES
Overload
Shortcircuit
Reverse polarity (fuse)
Overtemperature
Over/under input voltage
Fan failure
INDICATORS
Input level, Output level, Failure
220V MODELS
50 or 60 Hz
INPUT
(VDC)
10.5 - 15V
CGL600W-12-120
CGL600W-12-220
10.6 x 7.10 x 2.8
6.6 LB
21 - 30V
CGL600W-24-120
CGL600W-24-220
10.6 x 7.10 x 2.8
6.6 LB
42 - 60V
CGL600W-48-120
CGL600W-48-220
10.6 x 7.10 x 2.8
6.6 LB
120V MODELS
50 or 60 Hz
DIMENSIONS
L x W x H (Inches)
WEIGHT
SAFETY
UL458 EN60950
SPECIFICATION
110V MODELS
220V MODELS
EMI CONDUCTION AND RADIATION
Compliance to FCC class A
Compliance to En55022 class A
3
,
2
-
3
-
0
0
0
1
6
N
E
o
t
e
c
n
a
i
l
p
m
o
C
-
Y
T
I
N
U
M
M
I
S
M
E
1
-
0
5
9
0
6
N
E
o
t
e
c
n
a
i
l
p
m
o
C
-
D
V
L
C
E
/
4
5
/
5
9
,
C
E
E
/
5
4
2
/
2
7
*
3
1
-
e
o
t
e
c
n
a
i
l
p
m
o
C
-
K
R
A
M
-
e



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com