Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAM-1H Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DAM-1H
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM-1H Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DAM-1H Datasheet HTML 1Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 2Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 3Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page:
2/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1H SERIES, 1WATT, 6KVDC, ISOLATED, UNREGULATED
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM1-2411H
24(21.6~26.4)
5
20
200
64%
DAM1-2412H
9
11.1
111
68%
DAM1-2413H
12
8.3
83
73%
DAM1-2414H
15
6.7
67
73%
DAM1-2421H
±5
10
100
71%
DAM1-2422H
±9
5.6
56
71%
DAM1-2423H
±12
4.2
42
72%
DAM1-2424H
±15
3.3
33
70%
Notes: Other input and output models may available on request.
ELECTRICAL
Line regulation
---
1.5% max.
Load regulation
10% ~ 100% full load
15% max.
Isolation voltage
Leakage current < 1mA/1min.
6000Vdc min.
Isolation resistance
Test at 500VDC
1000m
Ω min.
Switching frequency
---
100KHz typ.
Ripple & noise
Bend width 20MHz
150mVp-p max.
Temperature coefficient
Rated load
±0.03%/℃
Operating temperature range
---
-40
℃ to +85℃
Storage temperature range
---
-55
℃ to +125℃
Short circuit protection
---
Continuours, auto recovery
MTBF
---
3500KHrs
Weight
---
8.2g
Notes: All the parameters are measured at 25
℃ ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com