Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAM2-0510 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DAM2-0510
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM2-0510 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DAM2-0510 Datasheet HTML 1Page - PAIRUI GROUP INC. DAM2-0510 Datasheet HTML 2Page - PAIRUI GROUP INC. DAM2-0510 Datasheet HTML 3Page - PAIRUI GROUP INC. DAM2-0510 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page:
4/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-2 SERIES, 2WATT, 1KVDC, ISOLATED, UNREGULATED
NOTE
RECOMMENDED TEST AND APPLICATION CIRCUIT
SINGLE OUTPUT
DUAL OUTPUT
TWIN ISOLATED OUTPUT
CAPACITOR SELECTION
INPUT
VOLTAGE
C1
SINGLE
OUTPUT
C2
DUAL
OUTPUT
C2
ISOLATED TWIN
OUTPUT
C2
5VDC
4.7μF
3.3VDC
10μF
±5VDC
4.7μF
5, 5VDC
4.7μF
12VDC
2.2μF
5VDC
10μF
±9VDC
2.2μF
9, 9VDC
2.2μF
24VDC
1.0μF
9VDC
4.7μF
±12VDC
1.0μF
12, 12VDC
1.0μF
--
--
12VDC
2.2μF
±15VDC
0.47μF
15, 15VDC
0.47μF
--
--
15VDC
1.0μF
--
--
--
--
--
--
24VDC
0.47μF
--
--
--
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com