Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAM2-0501 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAM2-0501
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM2-0501 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAM2-0501 Datasheet HTML 1Page - PAIRUI GROUP INC. DAM2-0501 Datasheet HTML 2Page - PAIRUI GROUP INC. DAM2-0501 Datasheet HTML 3Page - PAIRUI GROUP INC. DAM2-0501 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-2 SERIES, 2WATT, 1KVDC, ISOLATED, UNREGULATED
FEATURES:
1000Vdc isolation voltage
Single, dual and isolated twin output models
High efficiency, and low ripple & noise
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM2-0510
5(4.5~5.5)
3.3
40
400
74%
DAM2-0511
5
40
400
81%
DAM2-0512
9
22.2
222
84%
DAM2-0513
12
16.6
166
83%
DAM2-0514
15
13.3
133
84%
DAM2-0515
24
8.3
83
80%
DAM2-0521
±5
20
200
82%
DAM2-0522
±9
11.1
111
85%
DAM2-0523
±12
8.3
83
86%
DAM2-0524
±15
6.7
67
82%
DAM2-0501
5, 5
20
200
78%
DAM2-0502
9, 9
11.1
111
82%
DAM2-0503
12, 12
8.3
83
82%
DAM2-0504
15, 15
6.7
67
80%
DAM2-1211
12(10.8~13.2)
5
40
400
81%
DAM2-1212
9
22.2
222
82%
DAM2-1213
12
16.6
166
85%
DAM2-1214
15
13.3
133
82%
DAM2-1215
24
8.3
83
87%
DAM2-1221
±5
20
200
81%
DAM2-1222
±9
11.1
111
84%
DAM2-1223
±12
8.3
83
86%
DAM2-1224
±15
6.7
67
82%
DAM2-1201
5, 5
20
200
81%
DAM2-1202
9, 9
11.1
111
81%
DAM2-1203
12, 12
8.3
83
84%
DAM2-1204
15, 15
6.7
67
80%


Similar Part No. - DAM2-0501

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM2-0511 PAIRUI-DAM2-0511 Datasheet
497Kb / 4P
DC-DC Converter
DAM2-0511F PAIRUI-DAM2-0511F Datasheet
490Kb / 4P
DC-DC Converter
DAM2-0511H PAIRUI-DAM2-0511H Datasheet
494Kb / 4P
DC-DC Converter
DAM2-0512 PAIRUI-DAM2-0512 Datasheet
497Kb / 4P
DC-DC Converter
DAM2-0512F PAIRUI-DAM2-0512F Datasheet
490Kb / 4P
DC-DC Converter
More results

Similar Description - DAM2-0501

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com