Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST78C36 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 4 Page - Exar Corporation

  ST78C36 Datasheet HTML 1Page - Exar Corporation ST78C36 Datasheet HTML 2Page - Exar Corporation ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ST78C36/36A
áç
áç
áç
áç
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.0.1
4
PRINTER PORT INTERFACE
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
38
37
36
35
34
33
32
31
45
44
43
42
41
40
39
38
I/O
Bi-directional parallel port (three-state) to transfer data in or out of the
ST78C36 parallel port. PD[7:0] are latched during output mode. Output
only for SPP and PPF modes, bi-directional for all other modes.
-STROBE
25
27
O
Data strobe output (internal pull-up / three stated active low). This output
indicates to the printer that valid data is available at the printer port (PD0-
PD7).
-AUTOFDX
26
28
O
Automatic line feed (internal pull-up / three stated active low). When this
signal is low the printer should automatically line feed after each line is
printed.
INIT
27
29
O
Initialize line printer (internal pull-up / three stated active low). When this
signal is low, it causes the printer to be initialized.
-SLCTIN
28
30
O
Line printer select (internal pull-up / three stated active low). When this
signal is low, it selects the printer.
-ERROR
1
57
I
Line printer error (internal pull-up / active low). This is an output from the
printer to indicate an error by holding it low during error condition.
SLCT
2
58
I
Line printer selected (internal pull-up / active high). This is an output from
the printer to indicate that the line printer has been selected.
BUSY
3
59
I
Line printer busy (internal pull-up / active high). An output from the printer
to indicate printer is not ready to accept data.
-ACK
4
60
I
Line printer acknowledge (internal pull-up / active low). This input is
pulsed low by the printer to indicate that data has been accepted success-
fully.
PE
5
61
I
Line printer paper empty (internal pull-up / active high). An output from the
printer to indicate out of paper.
PDIR
21
23
O
Printer port direction indicator. HIGH indicates device is in input mode,
LOW indicates output mode. (ST78C36CJ44 and ST78C36CQ64 only).
SYSTEM SIGNALS
CLOCK/
XTAL1
20
21
I
Crystal oscillator input (ST78C36ACJ44, ST78C36CQ64) or External
clock input (ST78C36CJ44), nominal 24 MHz.
XTAL2
21
22
O
Crystal oscillator output, nominal 24 MHz. ST78C36ACJ44 and
ST78C36CQ64 only.
RESET
24
26
I
System RESET ( active HIGH).
PIN DESCRIPTION
NAME
44-PLCC
PIN
#
64-TQFP
PIN
#
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com