Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXU-40C Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LXU-40C
Description  Constant Current LED Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LXU-40C Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LXU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 7Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part
Number
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Efficiency
Certificate
LXU40-C350
100-240VAC
350mA(80-114V)
125V
5%/50%
90%
CE
LXU40-C500
100-240VAC
500mA(56-80V)
88V
5%/50%
90%
CE
LXU40-C700
100-240VAC
700mA(40-58V)
64V
5%/50%
88%
CE
LXU40-C1050
100-240VAC
1050mA(27-38V)
42V
5%/50%
86%
CE
Updated 2016-V1.0-1102
www.pairuigroup.com
Page:5/6
PAIRUI ELECTRONICS
NOTE:
1. Other output models are may available on request;
2. Add suffix “R” for No Flicker and Low Ripple(5%) models.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com