Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF65N Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWF65N
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF65N Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWF65N Datasheet HTML 1Page - OSRAM GmbH LUWF65N Datasheet HTML 2Page - OSRAM GmbH LUWF65N Datasheet HTML 3Page - OSRAM GmbH LUWF65N Datasheet HTML 4Page - OSRAM GmbH LUWF65N Datasheet HTML 5Page - OSRAM GmbH LUWF65N Datasheet HTML 6Page - OSRAM GmbH LUWF65N Datasheet HTML 7Page - OSRAM GmbH LUWF65N Datasheet HTML 8Page - OSRAM GmbH LUWF65N Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LUW F65N
OSLUX, designed for camera flash application
Lead (Pb) Free Product - RoHS Compliant
Released
2009-06-17
1
Besondere Merkmale
• Gehäusetyp: SMD Gehäuse mit Optik
• Besonderheit des Bauteils: hocheffiziente
Lichtquelle bei geringem Platzbedarf mit
fokussierter Abstrahlung mit rechteckigem
Beleuchtungsfeld
• Farbort: x = 0,31, y = 0,32 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 6500 K
• Abstrahlwinkel: horizontal 50°, vertikal 38°
• Technologie: ThinGaN
• Gruppierungsparameter: Lichtstrom, Farbort
• Lötmethode: Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 12-mm Gurt mit 700/Rolle, ø180 mm
oder 3000/Rolle, ø330 mm
• ESD-Festigkeit:
2 kV nach JESD22-A114-D
8 kV nach IEC 61000-4-2, level 4 (contact
discharge)
Anwendungen
• Blitzlicht
• Taschenlampe
• Videoleuchte
Features
• package: SMD package with lens
• feature of the device: high efficient lightsource
at low space with focussed radiation
• color coordinates: x = 0.31, y = 0.32 acc. to
CIE 1931 (white)
• typ. color temperature: 6500 K
• viewing angle: horizontal 50°, vertical 38°
• technology: ThinGaN
• grouping parameter: luminous flux,
color coordinates
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 700/reel, ø180 mm or
3000/reel, ø330 mm
• ESD-withstand voltage:
2 kV acc. to JESD22-A114-D
8 kV acc. to IEC 61000-4-2, level 4 (contact
discharge).
Applications
• camera flash light / strobe light
• torch light
•video light


Similar Part No. - LUWF65N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
SMD package with lens
More results

Similar Description - LUWF65N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
SMD epoxy package with silicone lens
LTH9GP-JZKZ-26-1 OSRAM-LTH9GP-JZKZ-26-1 Datasheet
621Kb / 21P
SMD epoxy package with silicone lens
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
SMD package with lens
LUWH9GP-KYLY-4C8E-1 OSRAM-LUWH9GP-KYLY-4C8E-1 Datasheet
763Kb / 24P
SMD epoxy package with silicone lens
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
SMD package with lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
SMD ceramic package with silicone lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
SMD package with lens
LUW-F65G OSRAM-LUW-F65G Datasheet
662Kb / 19P
SMD package with lens
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
SMD package with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com