Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD3PS25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD3PS25
Description  P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PS25 Datasheet(HTML) 2 Page - STMicroelectronics

  STD3PS25 Datasheet HTML 1Page - STMicroelectronics STD3PS25 Datasheet HTML 2Page - STMicroelectronics STD3PS25 Datasheet HTML 3Page - STMicroelectronics STD3PS25 Datasheet HTML 4Page - STMicroelectronics STD3PS25 Datasheet HTML 5Page - STMicroelectronics STD3PS25 Datasheet HTML 6Page - STMicroelectronics STD3PS25 Datasheet HTML 7Page - STMicroelectronics STD3PS25 Datasheet HTML 8Page - STMicroelectronics STD3PS25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD3PS25 - STD3PS25-1
2/10
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
2.77
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
250
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20 V
±10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
234
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID = 0.3 A
2.1
2.8
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
VDS =25V,f= 1MHz, VGS =0
260
pF
Coss
Output Capacitance
52
pF
Crss
Reverse Transfer
Capacitance
25
pF
RG
Gate-Input Resistance
f = 1 MHz,Gate DC Bias=0
Test Signal Level=20 mV
Open Drain
6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com