Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWC9SN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWC9SN
Description  SMD ceramic package with silicon resin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWC9SN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWC9SN Datasheet HTML 5Page - OSRAM GmbH LWC9SN Datasheet HTML 6Page - OSRAM GmbH LWC9SN Datasheet HTML 7Page - OSRAM GmbH LWC9SN Datasheet HTML 8Page - OSRAM GmbH LWC9SN Datasheet HTML 9Page - OSRAM GmbH LWC9SN Datasheet HTML 10Page - OSRAM GmbH LWC9SN Datasheet HTML 11Page - OSRAM GmbH LWC9SN Datasheet HTML 12Page - OSRAM GmbH LWC9SN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Vorläufige Daten / Preliminary Data
LW C9SN
2009-09-22
9
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 500 mA
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y = f (T
j); IF = 500 mA
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
Ι
V/ΙV(25 °C) = f (T
j); IF = 500 mA
-0.3
Tj
OHL03676
V
F
V
Δ
-60
60
20 40
0
-20
-40
140
100 ˚C
80
-0.2
-0.1
0
0.1
0.2
0.3
-0.025
OHL03709
-40
Cx,
Δ
Cy
Δ
j
T
Cy
Cx
˚C
-20
0
20 40 60 80
120
-0.020
-0.015
-0.010
-0.005
0
0.010
OHL03713
Tj
˚C
0.75
-60 -40 -20 0 20 40 60 80 100
140
0.80
0.85
0.90
0.95
1.00
1.05
1.15
I (25 ˚C)
V
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com