Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8843 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8843
Description  6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8843 Datasheet HTML 14Page - Monolithic Power Systems MP8843 Datasheet HTML 15Page - Monolithic Power Systems MP8843 Datasheet HTML 16Page - Monolithic Power Systems MP8843 Datasheet HTML 17Page - Monolithic Power Systems MP8843 Datasheet HTML 18Page - Monolithic Power Systems MP8843 Datasheet HTML 19Page - Monolithic Power Systems MP8843 Datasheet HTML 20Page - Monolithic Power Systems MP8843 Datasheet HTML 21Page - Monolithic Power Systems MP8843 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP8843 – 6V, 3A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH I
2C INTERFACE
MP8843 Rev. 1.0
www.MonolithicPower.com
21
7/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 5: VOUT Range Adjusted from 0.6V to 1.1V
I2 C Bus
Up to3.4 Mbps {
PVIN
VIN
PG
SCL
SDA
PGND
AGND
OUT
SW
EN
C1
22µF
C2
10µF
C4
C3
VIN
GND
EN
R2
100K
R1 100K
Default 1.18V
U1
R4
R5
18 K
57.6K
VOUT 0.79-1.44V
1µH
10µF
10µF
Figure 6: VOUT Range Extended by External Feedback Resistor Network
NOTE:
For other default VOUT settings, fix R4 at first and calculate R5 based on the formula
OUT
R4 R5
V0.9V
R5
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com