Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8845 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8845
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8845 Datasheet HTML 1Page - Monolithic Power Systems MP8845 Datasheet HTML 2Page - Monolithic Power Systems MP8845 Datasheet HTML 3Page - Monolithic Power Systems MP8845 Datasheet HTML 4Page - Monolithic Power Systems MP8845 Datasheet HTML 5Page - Monolithic Power Systems MP8845 Datasheet HTML 6Page - Monolithic Power Systems MP8845 Datasheet HTML 7Page - Monolithic Power Systems MP8845 Datasheet HTML 8Page - Monolithic Power Systems MP8845 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
2
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP8845GC
WLCSP-20 (1.6mmx2mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP8845GC–Z)
TOP MARKING
AT: Product code of MP8845GC
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
A
B
C
D
E
1
2
3
4
PG
EN
SCL
VOUT
SDA
GND
AGND
GND
GND
GND
GND
GND
VIN
VIN
SW
SW
VIN
VIN
SW
SW
BOTTOM VIEW
A
B
C
D
E
1
2
3
4
PG
EN
SCL
VOUT
SDA
GND
AGND
GND
GND
GND
GND
GND
VIN
VIN
SW
SW
VIN
VIN
SW
SW
TOP VIEW
WLCSP-20 (1.6mmx2.0mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com