Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8845C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8845C
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8845C Datasheet HTML 9Page - Monolithic Power Systems MP8845C Datasheet HTML 10Page - Monolithic Power Systems MP8845C Datasheet HTML 11Page - Monolithic Power Systems MP8845C Datasheet HTML 12Page - Monolithic Power Systems MP8845C Datasheet HTML 13Page - Monolithic Power Systems MP8845C Datasheet HTML 14Page - Monolithic Power Systems MP8845C Datasheet HTML 15Page - Monolithic Power Systems MP8845C Datasheet HTML 16Page - Monolithic Power Systems MP8845C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
13
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
5. Reg04 ID2
NAME
BITS
DESCRIPTION
Reserved
D[7:4]
RESERVED
Die Rev
D[3:0]
Die revision
6. Reg05 Status
NAME
BITS
DESCRIPTION
ILIM
D7
When bit is high, IC is in current limit
UVLO
D6
When bit is high Vin is less than the UVLO threshold
OVP
D5
When bit is high Vin is greater than the OVP threshold
VoOV
D4
When bit is high a voltage higher than 110% of regulation voltage is presented.
VoUV
D3
When bit is high a voltage lower than 90% of regulation voltage is presented.
PGOOD
D2
When bit is high, the output is in regulation; otherwise the output voltage is out of +/-
10% regulation window.
OTW
D1
When junction temperature is higher than 130
oC, the bit is high, otherwise is low.
En stat
D0
When bit is high the SMPS is enabled, when bit is low the SMPS is disabled.
Operation Status
CONIDTION
PG
REGULATION
LATCH-OFF
STATUS BIT
VIN Overvoltage
LOW
OFF
NO
OVP
VIN Under Voltage
LOW
OFF
N/A
UVLO
Thermal Warning
LOW
ON
NO
OTW
Thermal Shut Down
LOW
OFF
YES
N/A
Current Limit
HIGH
ON
NO
ILIM
Output Under voltage
LOW
OFF
YES
VoUV
Output Over Voltage (>110% of target output)
LOW
ON
NO
VoOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com