Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8845CGC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8845CGC
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845CGC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8845CGC Datasheet HTML 1Page - Monolithic Power Systems MP8845CGC Datasheet HTML 2Page - Monolithic Power Systems MP8845CGC Datasheet HTML 3Page - Monolithic Power Systems MP8845CGC Datasheet HTML 4Page - Monolithic Power Systems MP8845CGC Datasheet HTML 5Page - Monolithic Power Systems MP8845CGC Datasheet HTML 6Page - Monolithic Power Systems MP8845CGC Datasheet HTML 7Page - Monolithic Power Systems MP8845CGC Datasheet HTML 8Page - Monolithic Power Systems MP8845CGC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP8845C
5A High Efficient Synchronous
Step-Down Switchers with I
2C Interface
MP8845C Rev. 1.02
www.MonolithicPower.com
1
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8845C is a highly integrated and high
frequency synchronous step-down switcher with
I2C control interface. It is optimized to support up
to 5A load current over an input supply range
from 2.7V to 6V with excellent load and line
regulation.
Constant frequency hysteretic control mode
provides extremely fast transient response
without loop compensation and easily achieves
high efficiency under light load condition.
The output voltage level can be controlled, on-the
fly through a 3.4Mbps I2C serial interface.
Voltage range can be adjusted from 0.6V to
1.45V in 6.69mV steps.
Voltage slew rate,
switching frequency and power savings mode are
also selectable through the I2C interface.
Fully protection features includes internal soft
start,
over
current
protection
and
over
temperature protection.
The MP8845C requires a minimum number of
readily available standard external components
and is available in the compact WLCSP20-
1.6mmx2mm package.
FEATURES
• 2.7V to 6V Input Voltage Range
• Up to 5A Load Current
• Internal 32mΩ High-Side, 17mΩ Low-Side
Power MOSFETs
• Fixed Frequency Hysteretic Mode Control
• I2C Compatible Interface up to 3.4Mbps
• I2C Programmable Output Range from 0.6V
to 1.45V in 6.69mV Steps
• Factory Adjustable Switching Frequency from
1MHz to 2.2MHz
• I2C Programmable Voltage Transition Slew
Rate
• Power Saving Mode Selectable via I2C
• Internal Soft-Start
• Current Overload and Thermal Shutdown
Protection
• Available in 20-ball WLCSP-1.6mmx2mm
package
APPLICATIONS
• Processor Core Supply
• Micro Converter
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
The MP8845C is covered by US Patents
TYPICAL APPLICATION
MP8845 C
GND
SCL
VIN
C1
10uF
SDA
VIN
VO
AGND
SW
C2
47uF
VOUT
2.7V ~ 6V
L1
0.47uH
1.1V
I2C Bus
Up to 3.4Mbps
EN
EN
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10


Similar Part No. - MP8845CGC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845GC MPS-MP8845GC Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845GC MPS-MP8845GC Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results

Similar Description - MP8845CGC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com