Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8846 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 8Page - Monolithic Power Systems MP8846 Datasheet HTML 9Page - Monolithic Power Systems MP8846 Datasheet HTML 10Page - Monolithic Power Systems MP8846 Datasheet HTML 11Page - Monolithic Power Systems MP8846 Datasheet HTML 12Page - Monolithic Power Systems MP8846 Datasheet HTML 13Page - Monolithic Power Systems MP8846 Datasheet HTML 14Page - Monolithic Power Systems MP8846 Datasheet HTML 15Page - Monolithic Power Systems MP8846 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
12
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Supply Voltage. The MP8846 operates from a 4.5V to 8V input rail. VIN requires a ceramic
capacitor to decouple the input rail. Connect using a wide PCB trace.
2, 8
PGND
System Ground. Reference ground of the regulated output voltage. PGND requires special
consideration during PCB layout (see the recommended PCB Layout Guidelines on page
24). Connect PGND to GND with copper traces and vias.
3
EN/SYNC
Enable/Synchronize. EN=high to enable the MP8846. EN/SYNC has an internal 1MΩ pull-
down resistor to ground.
4
PG
Power Good. Open-drain structure.
5
SDA
I
2C Serial Data.
6
SCL
I
2C Serial Clock.
7
ADD
I
2C Address Set. Floating ADD or pulling it to VCC sets one address. Pulling ADD to
ground sets additional addresses.
9
SW
Switch Output. Connect SW using a wide PCB trace.
10
BST
Bootstrap. BST requires a capacitor between SW and BST to form a floating supply
across the high-side switch driver.
11
VOUT
Sense Input of Output Voltage in the I
2C Control Loop.
12
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage in the FB control loop. Connecting FB to VCC sets the default
output voltage at 0.9V.
13
SS
Soft-Start. Connecting a capacitor from SS to ground sets the soft-start time.
14
VCC
Internal 5V LDO Regulator Output. Decouple with a 0.22µF capacitor.
15
AGND
Signal Ground. AGND is NOT connected internally to system ground. Ensure AGND is
connected to system ground in the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com