Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8847 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8847
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8847 Datasheet HTML 9Page - Monolithic Power Systems MP8847 Datasheet HTML 10Page - Monolithic Power Systems MP8847 Datasheet HTML 11Page - Monolithic Power Systems MP8847 Datasheet HTML 12Page - Monolithic Power Systems MP8847 Datasheet HTML 13Page - Monolithic Power Systems MP8847 Datasheet HTML 14Page - Monolithic Power Systems MP8847 Datasheet HTML 15Page - Monolithic Power Systems MP8847 Datasheet HTML 16Page - Monolithic Power Systems MP8847 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
13
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
REGISTERSAND DESCRIPTION
Register Map
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
Status
R
ILIM
UVLO
OVP
VoOV
VoUV
PGOOD
OTW
EN stat
01
VSEL
R/W
EN
Output reference
02
SysCntlreg1
R/W
Switching frequency
Transient response
Pglohi
Vinovp
Mode
03
SysCntlreg2
R/W
Reserved
Go
Out-dis
Gl_filt
Slew
rate
PG
control
PG set
04
ID1
R
Vendor ID
Die ID
05
ID2
R
Reserved
Die rev
NOTE:
Theburst write cannot be on Reg.03.
Default Value of Registers
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
Status
R
NA
NA
NA
NA
NA
NA
NA
NA
01
VSEL
R/W
1
1
0
0
0
1
1
0
02
SysCntlreg1
R/W
1
0
0
0
1
1
0
0
03
SysCntlreg2
R/W
0
0
0
0
0
0
0
1
04
ID1
R
0
0
0
1
0
0
0
1
05
ID2
R
0
0
0
0
0
0
0
0
Register Description
1. Reg00 Status
NAME
BITS
DESCRIPTION
ILIM
D7
When the bit is high, IC is in the current limit.
UVLO
D6
When the bit is high,VIN is less than the UVLO threshold.
OVP
D5
When the bit is high,VIN is greater than the OVP threshold.
VoOV
D4
When the bit is high, a voltage higher than 110% of the regulation voltage is presented.
VoUV
D3
When the bit is high, a voltage lower than 90% of the regulation voltage is presented.
PGOOD
D2
When the bit is high, the output is in regulation; otherwise, the output voltage is out of
the ±10% regulation window.
OTW
D1
When the junction temperature is higher than 130°C, the bit is high; otherwise, the bit
is low.
En stat
D0
When the bit is high, the SMPS is enabled; when the bit is low, the SMPS is disabled.
2. Reg01 VSEL
NAME
BITS
DESCRIPTION
EN
D7
I
2C controlled enable. When EN is low, the converter is off. When EN is high, the EN
bit takes over.
Output
Reference
D[6:0]
Sets the output voltage from 0.6V to 1.235V (see Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com